Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7705 Datasheet(PDF) 5 Page - EPCOS

Part # B7705
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7705 Datasheet(HTML) 5 Page - EPCOS

  B7705 Datasheet HTML 1Page - EPCOS B7705 Datasheet HTML 2Page - EPCOS B7705 Datasheet HTML 3Page - EPCOS B7705 Datasheet HTML 4Page - EPCOS B7705 Datasheet HTML 5Page - EPCOS B7705 Datasheet HTML 6Page - EPCOS B7705 Datasheet HTML 7Page - EPCOS B7705 Datasheet HTML 8Page - EPCOS B7705 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Oct 27, 2004
SAW Components
B7705
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω
min.
typ.
max.
Center frequency
fC
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
2,9
3,7
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
1,0
2,1
dB
Input VSWR
925,0
... 960,0
MHz
—
2,2
2,4
Output VSWR
925,0
... 960,0
MHz
—
2,2
2,3
Output phase balance
(φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-5
0
5
degree
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-0,5
0
0,5
dB
Attenuation
α
0,0
... 880,0
MHz
50
75
—
dB
880,0
... 905,0
MHz
30
40
—
dB
905,0
... 915,0
MHz
18
27
—
dB
980,0
...1050,0
MHz
22
25
—
dB
1050,0
...6000,0
MHz
50
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com