Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L32 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT91L32
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L32 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT91L32 Datasheet HTML 17Page - Exar Corporation XRT91L32 Datasheet HTML 18Page - Exar Corporation XRT91L32 Datasheet HTML 19Page - Exar Corporation XRT91L32 Datasheet HTML 20Page - Exar Corporation XRT91L32 Datasheet HTML 21Page - Exar Corporation XRT91L32 Datasheet HTML 22Page - Exar Corporation XRT91L32 Datasheet HTML 23Page - Exar Corporation XRT91L32 Datasheet HTML 24Page - Exar Corporation XRT91L32 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
xr
XRT91L32
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
19
2.10
Receive Parallel Data Output Timing
The receive parallel data output from the STS-12/STM-4 or STS-3/STM-1 receiver will adhere to the setup and
hold times shown in Figure 10 ,Table 7, and Table 8. Table 9 shows the PECL and TTL output timing
specifications.
FIGURE 10. RECEIVE PARALLEL OUTPUT TIMING
TABLE 7: RECEIVE PARALLEL DATA OUTPUT TIMING (STS-12/STM-4 OPERATION)
TABLE 8: RECEIVE PARALLEL DATA OUTPUT TIMING (STS-3/STM-1 OPERATION)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tRXCLK
Receive high-speed serial clock period
1.608
ns
tRXPCLKO
Receive parallel data output byte clock period
12.86
ns
tRXDO_VALID
Time the data is valid on RXDO[7:0] and FRAMEPULSE
before and after the rising edge of RXPCLKO
4
ns
tPULSE_WID
Pulse width of frame detection pulse on FRAMEPULSE
12.86
ns
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
tRXCLK
Receive high-speed serial clock period
6.43
ns
tRXPCLKO
Receive parallel data output byte clock period
51.44
ns
tRXDO_VALID
Time the data is valid on RXDO[7:0] and FRAMEPULSE
before and after the rising edge of RXPCLKO
22
ns
tPULSE_WID
Pulse width of frame detection pulse on FRAMEPULSE
51.44
ns
tRXCLK
RXPCLKO
RXDO[7:0]
RXIP
RXIN
FRAMEPULSE
tRXDO_VALID
tRXPCLKO
A1
A2
A2
A2
A2
tPULSE_WID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com