Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT91L32 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT91L32
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L32 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT91L32 Datasheet HTML 5Page - Exar Corporation XRT91L32 Datasheet HTML 6Page - Exar Corporation XRT91L32 Datasheet HTML 7Page - Exar Corporation XRT91L32 Datasheet HTML 8Page - Exar Corporation XRT91L32 Datasheet HTML 9Page - Exar Corporation XRT91L32 Datasheet HTML 10Page - Exar Corporation XRT91L32 Datasheet HTML 11Page - Exar Corporation XRT91L32 Datasheet HTML 12Page - Exar Corporation XRT91L32 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
xr
XRT91L32
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
7
TXPCLK_O
LVTTL
O
82
Transmit Parallel Clock Output (77.76/19.44 MHz)
Transmit Parallel Clock Output Operation
This pin will output a 77.76 MHz (STS-12/STM-4) or 19.44 MHz
(STS-3/STM-1) clock output reference for the 8-bit parallel
transmit data input TXDI[7:0]. This clock is used by the framer/
mapper device to present the TXDI[7:0] data which the
XRT91L30 will latch on the rising edge of this clock. This
enables the framer/mapper device and the XRT91L30 trans-
ceiver to be in synchronization.
REFCLKP
REFCLKN
LVPECL Diff
I
29
30
Reference Clock Input (77.76 MHz or 19.44 MHz)
This differential clock input reference is used for the transmit
clock multiplier unit (CMU) and clock data recovery (CDR) to
provide the necessary high speed clock reference for this
device. It will accept either a 77.76 MHz or a 19.44 MHz Differ-
ential LVPECL clock source. Pin CMUFREQSEL determines
the value used as the reference. See Pin CMUFREQSEL for
more details. REFCLKP/N inputs are internally biased to 1.65V.
NOTE:
In the event that TTLREFCLK LVTTL input is used
instead of these differential inputs for clock reference,
the REFCLKP should be tied to ground.
TTLREFCLK
LVTTL
I
56
Auxillary Reference Clock Input (77.76 MHz or 19.44 MHz)
This LVTTL clock input reference is used for the transmit clock
multiplier unit (CMU) and clock data recovery (CDR) to provide
the necessary high speed clock reference for this device. It will
accept either a 77.76 MHz or a 19.44 MHz LVTTL clock source.
Pin CMUFREQSEL determines the value used as the refer-
ence. See Pin CMUFREQSEL for more details.
NOTE: In the event that REFCLKP/N differential inputs is used
instead of this LVTTL input for clock reference, the
TTLREFCLK should be tied to ground.
TRANSMITTER SECTION
NAME
LEVEL
TYPE
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com