Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDAD103C15F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD103C15F
Description  2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD103C15F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD103C15F Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDAD10
3 __ __ __ __
+
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
¦
¦
¦
¦
¦
+
Reverse Recovery Time
4/ 5/
F = Fast Recovery Time
¦
¦
¦
¦
¦
¦
¦
+ Voltage 2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and 15 = 15kV
¦
¦
¦
¦
¦
¦
¦
¦
+ Power Rating (See Below)
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Package Size = 3 Inches Diameter
SDAD103 F Series
2,500 to 15,000 VOLTS
FAST RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
•
Stackable to 160kV
•
PIV 2.5kV to 15kV
•
High Current Ratings
•
Fast Reverse Recovery Time
•
Only Hermetically Sealed Rectifiers Used
•
Controlled Avalanche Rated
•
Modular Design for Easy Stacking
•
Storage and Operating Temps -65
°
C to +150
°
C
•
Available in Ultra Fast and Hyper Fast Versions
•
Replacement Upgrade - Unitrode types UGF-2.5
through UGC-15
•
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS
3/
Peak
Inverse
Voltage
Reverse
Recovery
Time 5/
Average DC Output Current 4/
Tc = Case Temperature
Surge
Non-repetitive
Maximum Forward
Voltage Drop
Maximum
Leakage
Current @PIV
Replacement Part
Number
PIV
(KV)
Max
(ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
Part Number
25
°C
25
°C
75
°C 50 °C
60
°C
100
°C
25
°C
25
°C
SDAD103 F 2.5 F
2.5
500
5.00
8.00
6.25
150
6.0
2.5
10
UGF-2.5
SDAD103 F 5.0 F
5.0
500
3.75
6.00
4.70
150
11
1.8
10
UGF-5
SDAD103 D 5.0 F
5.0
500
3.30
4.80
4.10
80
11
1.6
5
UGD-5
SDAD103 F 7.5 F
7.5
500
2.50
4.00
3.10
150
17
1.2
10
UGF-7.5
SDAD103 D 7.5 F
7.5
500
2.25
3.50
2.80
80
17
1.1
5
UGD-7.5
SDAD103 D 10 F
10
500
1.75
2.50
2.20
80
22
0.85
5
UGD-10
SDAD103 C 15 F
15
500
1.18
1.67
1.47
30
27
0.65
5
UGC-15
High Current Versions
SDAD103 H 2.5 F
2.5
500
10.0
16.0
12.5
200
3.30
8.0
30
---
SDAD103 H 5.0 F
5.0
500
7.50
12.0
9.40
200
6.80
6.2
30
---
SDAD103 H 7.5 F
7.5
500
5.00
8.00
6.20
200
8.65
4.0
20
---
SDAD103 H 10 F
10
500
3.50
5.00
4.40
125
12.0
2.5
10
---
SDAD103 H 15 F
15
500
2.36
3.33
2.94
125
17.2
1.6
10
---
SDAD103 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0065B
DOC


Similar Part No. - SDAD103C15F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD103C15F SSDI-SDAD103C15F Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD103C15F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101F SSDI-SDAD101F Datasheet
74Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com