Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8000IP Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 16Page - Exar Corporation XRT8000IP Datasheet HTML 17Page - Exar Corporation XRT8000IP Datasheet HTML 18Page - Exar Corporation XRT8000IP Datasheet HTML 19Page - Exar Corporation XRT8000IP Datasheet HTML 20Page - Exar Corporation XRT8000IP Datasheet HTML 21Page - Exar Corporation XRT8000IP Datasheet HTML 22Page - Exar Corporation XRT8000IP Datasheet HTML 23Page - Exar Corporation XRT8000IP Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
XRT8000
21
Rev. 1.11
SYNC
8 kHz
FIN
XRT8000
CLK1
CLK2
T1, T1/8
or
E1, E1/8
8 kHz
Figure 11. Slave Reverse Mode (Cont’d)
Output
Freq.
kHz
kHz
1544
193
2048
256
Board Layout Considerations
The CLK1 and CLK 2 outputs are surrounded with supply
pins (GND(514),Vcc(712). It is recommended to
decouple these supplies with a 0.1uF very close to the
pins. The positive supply (7,12,15) and ground pins
(4,5,14) can all be connected to the Digital Supply and
Ground.
The internal VCO has its proper supply’s pins (GND 9,
Vcc 10) these supply pins have to be decoupled by a
0.1uF capacitor and should be connected to an Analog
Supply if possible. If there is no Analog Supply, then
connect these pins as close as possible to the supply
source.
If the layout is done with separate layers for the supplies,
cut an island under the XTT8000 such that no current
flows under the circuit. It has been observed that coupling
can occur because heavy digital currents are flowing
under the locations of the XRT8000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com