Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8000IP Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT8000IP
Description  Clock Synchronizer/Adapter for Communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT8000IP Datasheet HTML 16Page - Exar Corporation XRT8000IP Datasheet HTML 17Page - Exar Corporation XRT8000IP Datasheet HTML 18Page - Exar Corporation XRT8000IP Datasheet HTML 19Page - Exar Corporation XRT8000IP Datasheet HTML 20Page - Exar Corporation XRT8000IP Datasheet HTML 21Page - Exar Corporation XRT8000IP Datasheet HTML 22Page - Exar Corporation XRT8000IP Datasheet HTML 23Page - Exar Corporation XRT8000IP Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
XRT8000
22
Rev. 1.11
18 LEAD PLASTIC DUALINLINE
(300 MIL PDIP)
Rev. 1.00
18
1
10
9
D
e
B1
A1
E1
C
E
A2
L
B
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.38
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
0.845
0.925
21.46
23.50
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.160
2.92
4.06
a
0°
15°
0°
15°
MILLIMETERS
a
A
Note:
The control dimension is the inch column
eB
eA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com