Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA312GF Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA312GF
Description  10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA312GF Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA312GF Datasheet HTML 1Page - Solid States Devices, Inc SDA312GF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
50
100
150
TEMPERATURE DERATING CURVE
75oC
CASE TEMPERATURE (oC)
Electrical Characteristics 1/ (per leg)
SYMBOL
UNITS
VALUE
Reverse Leakage Current
(Rated VR, 300µs pulse minimum )
IR2
mA
0.25
5
µµµµµA
IR1
Reverse Leakage Current
(Rated VR, TA= 100oC, 300µs pulse minimum )
Instantaneous Forward Voltage Drop
(IF = 3A, 300 - 500µsec pulse)
1.40
Vdc
VF1
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
180
200
nsec
14701 Firestone Blvd. La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
SOLID STATE DEVICES, INC.
CASE OUTLINE: SDA312
SDA312AF
thru
SDA312GF
Tolerances:
"
0.30
"
0.010
XX:
XXX:
SDA312AF-SDA312EF
SDA312FF-SDA312GF
1/ TA = 25oC, Unless otherwise specified
AC AC AC
-+
1.25
.75
.38
.31
REF
2x Ø.125 REF
5x Ø.055 REF
1.062
.40
REF
.28
REF
.31
REF
.325
MAX
.475
MAX
#4-40 UNF THRU
2 PLACES
AC
AC
AC
+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com