Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA312GF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA312GF
Description  10 AMPS 180 - 200 nsec FAST RECOVERY 3 PHASE BRIDGE ASSY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA312GF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA312GF Datasheet HTML 1Page - Solid States Devices, Inc SDA312GF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14701 Firestone Blvd. La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
SDA312
10 AMPS
180 - 200 nsec
FAST RECOVERY
3 PHASE BRIDGE ASSY
SDA312AF
thru
SDA312GF
• Fast Recovery: 180 -200 nsec Maximum
• 50 to 1000 V Blocking Voltage
• Average Output Current 10 Amps
• Low Reverse Leakage Current
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• TX and TXV Level Screening Available
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
10
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TA = 25oC, No Heatsink)
75
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC, per leg)
Maximum Thermal Resistance
Junction to Case
1.5
oC/W
RθθθθθJC
oC
-55 TO +150
TOP & Tstg
Operating and Storage Temperature
50
100
200
400
600
800
1000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
SDA312AF
SDA312BF
SDA312CF
SDA312DF
SDA312EF
SDA312FF
SDA312GF
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RC0034B


Similar Part No. - SDA312GF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA312G SSDI-SDA312G Datasheet
52Kb / 2P
10 AMPS 5 usec STANDARD RECOVERY 3 PHASE BRIDGE ASSY
More results

Similar Description - SDA312GF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA312A SSDI-SDA312A Datasheet
52Kb / 2P
10 AMPS 5 usec STANDARD RECOVERY 3 PHASE BRIDGE ASSY
SDA25-3UF SSDI-SDA25-3UF Datasheet
71Kb / 2P
10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
SPA516-2F SSDI-SPA516-2F Datasheet
50Kb / 2P
10 AMPS 150 nsec FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
SPA516L-3UF SSDI-SPA516L-3UF Datasheet
57Kb / 2P
3 AMPS 70 nsec ULTRA FAST RECOVERY DUAL SINGLE PHASE BRIDGE ASSEMBLY
SDA381A SSDI-SDA381A Datasheet
81Kb / 2P
10 AMPS, 180 nsec FAST CENTERTAP RECTIFIER
SDR3PF SSDI-SDR3PF Datasheet
199Kb / 2P
3 AMPS, 1300-1800 VOLTS 650 nsec FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SFA1202ME4 SSDI-SFA1202ME4 Datasheet
342Kb / 2P
10 AMPS 200 - 400 VOLTS 20 nsec HYPER SINGEL PHASE BRIDGE RECTIFIER
SPD5186 SSDI-SPD5186 Datasheet
213Kb / 2P
3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
RC0034 SSDI-RC0034_15 Datasheet
131Kb / 2P
FAST RECOVERY 3 PHASE BRIDGE ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com