Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 11 Page - Sipex Corporation

Part # LP2951
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2951 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button LP2951 Datasheet HTML 7Page - Sipex Corporation LP2951 Datasheet HTML 8Page - Sipex Corporation LP2951 Datasheet HTML 9Page - Sipex Corporation LP2951 Datasheet HTML 10Page - Sipex Corporation LP2951 Datasheet HTML 11Page - Sipex Corporation LP2951 Datasheet HTML 12Page - Sipex Corporation LP2951 Datasheet HTML 13Page - Sipex Corporation LP2951 Datasheet HTML 14Page - Sipex Corporation LP2951 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image

Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation
EXTERNAL CIRCUIT
PROTECTED FROM
OVER TEMPERATURE
(V+ GOES OFF WHEN
TEMP > 25)
OR
RELAY
8.2K
TEMP
SENSOR
GND
VOUT
FB
SD
+V IN
+V IN
0K
5 DEGREE SHUTDOWN FLAG
ERROR
_______

5
8

7

AUX SHUTDOW
INPUT
OFF
ON
Ω
AS5
+
-
LP295
Ω.
.
0K
IN
VOUT
FB

8

.7µF
+
7
Ω
Ω
27K
LP295
VTAP
GND
SENSE

2
UNREGULATED INPUT
2N52
5V
OUTPUT
LOAD
50mA
TO
00 mA
(2)
0K
0.µF
VOUT
MIN VOLTAGE = V
+V IN
8

FB
7
N00
20mA
N57
.7mA
+5V
OUTPUT
2
GND


LP295
Ω

  
     
         

     



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com