Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR622Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR622Z
Description  20A, 35nsec, 100-200 V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR622Z Datasheet HTML 1Page - Solid States Devices, Inc SDR622Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR620
__ __ __ __
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└
Leg Bend Option __ = Straight
(See Figure 1)
DB = Down Bend
UB = Up Bend
│
│
│
│
│
│
│
│
└ Package J = TO-257
M = TO-254
Z = TO-254Z
│
│
│
│
│
│
│
│
│
│
│
└
Pin Configuration __ = Normal
(See Table 1)
R = Reverse
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Family/Voltage SDR620 = 100V
SDR621 = 150V
SDR622 = 200V
SDR620J, M & Z
Thru
SDR622J, M & Z
20A, 35nsec, 100-200 V
Hyper Fast Rectifier
Features:
•
Hyper Fast Recovery: 35nsec Maximum 3/
•
Low Reverse Leakage Current
•
Low Junction Capacitance
•
Hermetically Sealed Isolated Package
•
Higher Voltages Available
•
Available in Centertap Versions
•
Replaces 1N5816 and 1N5816R
•
•
TX, TXV, and S-Level Screening Available 2/
Maximum Ratings 4/
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR620J, M & Z
SDR621J, M & Z
SDR622J, M & Z
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
300
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
J (TO-257)
M (TO-254)
Z (TO-254Z)
RθJC
2.1
1.2
1.2
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA.
4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
TO-257 (J)
TO-254 (M)
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0031C
DOC


Similar Part No. - SDR622Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR622 SSDI-SDR622 Datasheet
155Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
SDR622 SSDI-SDR622 Datasheet
118Kb / 2P
HYPER FAST CENTERTAP RECTIFIER
SDR622-28 SSDI-SDR622-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR62259 SSDI-SDR62259 Datasheet
185Kb / 4P
20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SDR622Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHA2952TX SSDI-SHA2952TX Datasheet
134Kb / 2P
20A 35nsec 400 V Hyper Fast Positive Centertap Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950M SSDI-SDR950M Datasheet
79Kb / 2P
50A, 35nsec typ., 100-200 V Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com