Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP206 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP206
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP206 Datasheet HTML 8Page - Sipex Corporation SP206 Datasheet HTML 9Page - Sipex Corporation SP206 Datasheet HTML 10Page - Sipex Corporation SP206 Datasheet HTML 11Page - Sipex Corporation SP206 Datasheet HTML 12Page - Sipex Corporation SP206 Datasheet HTML 13Page - Sipex Corporation SP206 Datasheet HTML 14Page - Sipex Corporation SP206 Datasheet HTML 15Page - Sipex Corporation SP206 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
14
RS-232 Transceivers:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP207CA .......... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP207CA/TR .... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP207CP .......... 5 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin PDIP
SP207CT .......... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP207CT/TR .... 5 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP207EA .......... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP207EA/TR .... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP207EP .......... 5 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin PDIP
SP207ET .......... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP207ET/TR .... 5 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP208CA .......... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP208CA/TR .... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP208CP .......... 4 ............................. 4 ................................ 0°C to +70°C ............................... 24–pin PDIP
SP208CT .......... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP208CT/TR .... 4 ............................. 4 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP208EA .......... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP208EA/TR .... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP208EP .......... 4 ............................. 4 ............................ –40°C to +85°C ............................... 24–pin PDIP
SP208ET .......... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP208ET/TR .... 4 ............................. 4 ............................ –40°C to +85°C ............................ 24–pin WSOIC
RS-232 Transmitters:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP204CP .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin PDIP
SP204CT .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC
SP204CT/TR .... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC
SP204EP .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin PDIP
SP204ET .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC
SP204ET/TR .... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC
RS-232 Transmitters with Low–Power Shutdown:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP200CP .......... 5 ............................. 0 ................................ 0°C to +70°C ............................... 20–pin PDIP
SP200CT .......... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC
SP200CT/TR .... 5 ............................. 0 ................................ 0°C to +70°C ............................ 20–pin WSOIC
SP200EP .......... 5 ............................. 0 ............................ –40°C to +85°C ............................... 20–pin PDIP
SP200ET .......... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC
SP200ET/TR .... 5 ............................. 0 ............................ –40°C to +85°C ............................ 20–pin WSOIC
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP, WSIOC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP200ET/TR = standard; SP200ET-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com