Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP206 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP206
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206 Datasheet(HTML) 4 Page - Sipex Corporation

  SP206 Datasheet HTML 1Page - Sipex Corporation SP206 Datasheet HTML 2Page - Sipex Corporation SP206 Datasheet HTML 3Page - Sipex Corporation SP206 Datasheet HTML 4Page - Sipex Corporation SP206 Datasheet HTML 5Page - Sipex Corporation SP206 Datasheet HTML 6Page - Sipex Corporation SP206 Datasheet HTML 7Page - Sipex Corporation SP206 Datasheet HTML 8Page - Sipex Corporation SP206 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
4
PACKAGE: PINOUTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
T3OUT
T1OUT
T2OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4OUT
T5IN
NC
SD
T5OUT
T4IN
T3IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
T1OUT
T2OUT
T2IN
T1IN
GND
VCC
C1+
V+
T3OUT
T4OUT
T4IN
T3IN
V–
C2–
C2+
C1–
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3 OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R2IN
R2OUT
SD
EN
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3 OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R2IN
R2OUT
SD
EN
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T2 OUT
T1OUT
R2IN
R2OUT
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T3 OUT
R3IN
R3OUT
T4IN
T4OUT
T3IN
T2IN
R4OUT
R4IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3 OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R2IN
R2OUT
T5IN
T5OUT
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
NC
T5IN
SHUTDOWN (SD)
EN
T5OUT
NC
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com