Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP322 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP322
Description  Programmable V.11/V.35 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322 Datasheet(HTML) 2 Page - Sipex Corporation

  SP322_05 Datasheet HTML 1Page - Sipex Corporation SP322_05 Datasheet HTML 2Page - Sipex Corporation SP322_05 Datasheet HTML 3Page - Sipex Corporation SP322_05 Datasheet HTML 4Page - Sipex Corporation SP322_05 Datasheet HTML 5Page - Sipex Corporation SP322_05 Datasheet HTML 6Page - Sipex Corporation SP322_05 Datasheet HTML 7Page - Sipex Corporation SP322_05 Datasheet HTML 8Page - Sipex Corporation SP322_05 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Date: 10/1/05
SP322 V.11/V.35 Serial Transceiver
© Copyright 2005 Sipex Corporation
2
Typically 25°C @ Vcc = +5V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= -3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
V.35 DRIVER
DC Characteristics
Outputs
Test Terminated Voltage
±0.44
±0.55
±0.66
Volts
per Figure 10
Source Impedance
50
100
150
Ω
per Figure 11
Short Circuit Impedance
135
150
165
Ω
per Figure 12
Offset
±0.6
Volts
per Figure 10
AC Characteristics
Outputs
Transition Time
40
ns
per Figure 13; 10% to 90%
Propagation Delay
t
PHL
40
70
100
ns
per Figures 18 and 19
t
PLH
40
70
100
ns
per Figures 18 and 19
Max. Transmission Rate
10
Mbps
per Figures 18 and 19
V.35 RECEIVER
DC Characteristics
Inputs
Input Sensitivity
+80
mV
Input Impedance
90
100
110
Ω
per Figure 14
Short Circuit Impedance
135
150
165
Ω
per Figure 15
AC Characteristics
Inputs
Propagation Delay
t
PHL
50
100
150
ns
per Figures 18 and 21
t
PLH
50
100
150
ns
per Figures 18 and 21
Max. Transmission Rate
10
Mbps
per Figure 18
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC...........................................................................+7V
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation
44-pin Plastic QFP...........................1500mW
Package Derating:
44-pin Plastic QFP
ø
JA....................................................52 °C/W
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com