Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP322 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP322
Description  Programmable V.11/V.35 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322 Datasheet(HTML) 1 Page - Sipex Corporation

  SP322_05 Datasheet HTML 1Page - Sipex Corporation SP322_05 Datasheet HTML 2Page - Sipex Corporation SP322_05 Datasheet HTML 3Page - Sipex Corporation SP322_05 Datasheet HTML 4Page - Sipex Corporation SP322_05 Datasheet HTML 5Page - Sipex Corporation SP322_05 Datasheet HTML 6Page - Sipex Corporation SP322_05 Datasheet HTML 7Page - Sipex Corporation SP322_05 Datasheet HTML 8Page - Sipex Corporation SP322_05 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SP322DS/06
SP322 V.11/V.35 Serial Transceiver
© Copyright 1997 Sipex Corporation
Date: 10/1/05
SP322 V.11/V.35 Serial Transceiver
© Copyright 2005 Sipex Corporation
1
■ +5V Only Operation
■ Programmable V.11 or V.35 Selection
■ Three Differential V.11 Transceivers in
V.11 Mode
■ Three Differential V.35 Transceivers in
V.35 Mode
■ No External Resistor Termination for
Compliant V.35 Operation
■ V.11 Cable Termination (approx. 120Ω)
Internally Configured in V.11 Mode
■ Tri-State capability on drivers and
receivers
■ Ideal low cost solution for X.25 or Frame
Relay Serial Ports
SP322
Programmable V.11/V.35 Transceiver
EIA-530
WAN
V.35
®
SP322
6
10
11
23
25
30
33
1
5
EN_R2
EN_R3
R1IN(a)
R1IN(b)
R2IN(a)
R2IN(b)
R3IN(a)
R3IN(b)
T1IN
T2IN
T3IN
T1OUT(a)
T1OUT(b)
GND
VCC
T2OUT(a)
T2OUT(b)
GND
VCC
T3OUT(a)
T3OUT(b)
GND
9
8
7
24
26
27
28
29
31
32
2
3
4
The SP322 is a programmable V.11 or V.35 transceiver IC. The SP322 contains three drivers
and three receivers when selected in each mode. The selection is done by the V.11/V.35 select
pin. The V.11 transceivers can typically operate at 10Mbps while adhering to the ITU V.11
specifications. The V.35 transceivers can operate up to 10Mbps while adhering to the ITU V.35
specifications.
The SP322 contains internal resistor termination for compliant V.35 operation as well as the V.11
termination on the receiver inputs for optional cable termination. Each SP322 driver contains a
control pin which disables the output and places the output pins in a high impedance state. Each
receiver also has a control pin which places the receiver outputs in a high impedance state. The
enable pins will disconnect the internal termination network for whichever mode the SP322 is
selected. For the receivers, the enable pin will place the input pins in a high impedance (approx.
15kΩ). This allows for convenient DTE-DCE configuration by connecting the driver outputs to
the receiver inputs, thus allowing the enable pins to select the desired DTE or DCE operation
DESCRIPTION
Now Available in Lead Free Packaging


Similar Part No. - SP322_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCA SIPEX-SP3220BCA Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCT SIPEX-SP3220BCT Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results

Similar Description - SP322_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
Single Supply V.35 Transceiver
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
Programmable V.11/V.35 Transceiver
logo
Exar Corporation
XRT3591 EXAR-XRT3591 Datasheet
354Kb / 16P
SINGLECHIP V. 35 TRANSCEIVER
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
SINGLE CHIP V.35 TRANSCEIVER
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Adels-Contact
123211 ADELS-123211 Datasheet
121Kb / 2P
500/11 35
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com