Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103P Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 4 Page - RF Micro Devices

  RF2103P Datasheet HTML 1Page - RF Micro Devices RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-10
RF2103P
Rev B2 060202
Application Schematic
Pin
Function
Description
Interface Schematic
14
RF OUT
Amplifier RF output. This is an unmatched collector output of the final
amplifier transistor. It is internally connected to pins 8, 9, 13 and 14 to
provide low series inductance and flexibility in output matching. Bias for
the final power amplifier output transistor must also be provided
through two of these four pins. Typically, pins 8 and 9 are connected to
a network that provides the DC bias and also creates a second har-
monic trap. For 915MHz operation, this harmonic trap network is simply
a single 2pF capacitor from both pins to ground. This capacitor series
resonates with internal bond wires at two times the operating fre-
quency, effectively shorting out the second harmonic. Shorting out this
harmonic serves to increase the amplifier’s maximum output power and
efficiency, as well as to lower the level of the second harmonic output.
Typically, pins 13 and 14 are externally connected very close to the
package and used as the RF output with a matching network that pre-
sents the optimum load impedance to the PA for maximum power and
efficiency, as well as providing DC blocking at the output. Shunt protec-
tion diodes are included to clip peak voltage excursions above approxi-
mately 15V to prevent voltage breakdown in worst case conditions.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BIAS
CIRCUITS
PRE AMP
FPA
100 pF
100
pF
C2
C1
330 pF
1
μF
L1
L2
V
CC
RF OUT
22
Ω
12 nH
6.8 nH
V
B
V
CC
100 pF
.01" x .2"
(PCB material: FR-4,
Thickness:0.031")
RF IN
For lower frequency
operation: Cut trace
on board and insert
inductor L4
FREQUENCY (MHz)
L1 (nH)
L3 (nH)
L2 (nH)
L4 (nH) C1 (pF) C2 (pF)
275
480
915
20
15
10
20
20
10
12
6.8
4.7
18
12
6.8
6.8
3.3
4
2
For lower frequenc
operation: Cut trac
on board and inser
inductor L3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com