Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2103P Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices RF2103P Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-13
RF2103P
Rev B2 060202
Gain and Pout vs. Pin
Vcc=Vb=3.6 V, 915 MHz
0
5
10
15
20
25
30
35
-25
-20
-15
-10
-5
0
5
Pin (dBm)
Pout (+25°C)
Gain (+25°C)
Pout (-40°C)
Gain (-40°C)
Pout (+85°C)
Gain (+85°C)
Gain and Pout vs. Pin
Vcc=Vb=4.8 V, 915 MHz
0
5
10
15
20
25
30
35
-25
-20
-15
-10
-5
0
5
Pin (dBm)
Pout (+25°C)
Gain (+25°C)
Pout (-40°C)
Gain (-40°C)
Pout (+85°C)
Gain (+85°C)
Efficiency and Icc vs. Pout
Vcc=Vb=3.6 V, 915 MHz
0
15
30
45
60
75
0
5
10
15
20
25
30
Pout (dBm)
10
60
110
160
210
260
Eff (+25°C)
Eff (-40°C)
Eff (+85°C)
Icc (+25°C)
Icc (-40°C)
Icc (+85°C)
Gain and Pout vs. Pin
Vcc=6.0 V, Vb=5.0 V, 915 MHz
0
5
10
15
20
25
30
35
-25
-20
-15
-10
-5
0
5
Pin (dBm)
Pout (+25°C)
Gain (+25°C)
Pout (-40°C)
Gain (-40°C)
Pout (+85°C)
Gain (+85°C)
Efficiency and Icc vs. Pout
Vcc=6.0 V, Vb=5.0 V, 915 MHz
0
15
30
45
60
75
0
5
10
15
20
25
30
Pout (dBm)
10
60
110
160
210
260
Eff (+25°C)
Eff (-40°C)
Eff (+85°C)
Icc (+25°C)
Icc (-40°C)
Icc (+85°C)
Efficiency and Icc vs. Pout
Vcc=Vb=3.6 V, 915 MHz
0
15
30
45
60
75
0
5
10
15
20
25
30
Pout (dBm)
10
60
110
160
210
260
Eff (+25°C)
Eff (-40°C)
Eff (+85°C)
Icc (+25°C)
Icc (-40°C)
Icc (+85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com