Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ECT Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP310ECT
Description  High-Performance RS-232 Line Drivers/Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ECT Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP310ECT Datasheet HTML 6Page - Sipex Corporation SP310ECT Datasheet HTML 7Page - Sipex Corporation SP310ECT Datasheet HTML 8Page - Sipex Corporation SP310ECT Datasheet HTML 9Page - Sipex Corporation SP310ECT Datasheet HTML 10Page - Sipex Corporation SP310ECT Datasheet HTML 11Page - Sipex Corporation SP310ECT Datasheet HTML 12Page - Sipex Corporation SP310ECT Datasheet HTML 13Page - Sipex Corporation SP310ECT Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
10
SP202E
HUMAN BODY
IEC1000-4-2
Family
MODEL
Air Discharge
Direct Contact
Level
Driver Outputs
±15kV
±15kV
±8kV
4
Receiver Inputs
±15kV
±15kV
±8kV
4
Figure 11. ESD Test Waveform for IEC1000-4-2
t=0ns
t=30ns
0A
15A
30A
t ➙
Table 2. Transceiver ESD Tolerance Levels
discharge current rather than the discharge
voltage. Variables with an air discharge such as
approach speed of the object carrying the ESD
potential to the system and humidity will tend to
change the discharge current. For example, the
rise time of the discharge current varies with the
approach speed.
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the
ESD arc. The discharge current rise time is
constant since the energy is directly transferred
without the air-gap arc. In situations such as
hand held systems, the ESD charge can be directly
discharged to the equipment from a person already
holding the equipment. The current is transferred
on to the keypad or the serial port of the equipment
directly and then travels through the PCB and
finally to the IC.
The circuit models in Figures 9 and 10 represent
the typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
For the Human Body Model, the current limiting
resistor (R
S) and the source capacitor (CS) are
1.5k
Ω an 100pF, respectively. For IEC-1000-4-
2, the current limiting resistor (R
S) and the source
capacitor (C
S) are 330Ω an 150pF, respectively.
The higher C
S value and
lower R
S value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injects a higher voltage to the test point when
SW2 is switched on. The lower current limiting
resistor increases the current charge onto the test
point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com