Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ECT Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP310ECT
Description  High-Performance RS-232 Line Drivers/Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ECT Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP310ECT Datasheet HTML 7Page - Sipex Corporation SP310ECT Datasheet HTML 8Page - Sipex Corporation SP310ECT Datasheet HTML 9Page - Sipex Corporation SP310ECT Datasheet HTML 10Page - Sipex Corporation SP310ECT Datasheet HTML 11Page - Sipex Corporation SP310ECT Datasheet HTML 12Page - Sipex Corporation SP310ECT Datasheet HTML 13Page - Sipex Corporation SP310ECT Datasheet HTML 14Page - Sipex Corporation SP310ECT Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
11
D
E1
E
INDEX AREA
D
2
x
2
E1
N
12
Seating Plane
A2
A
A1
b
SEE DETAIL “A”
(b)
c
WITH LEAD FINISH
BASE METAL
L1
L
Seaing Plane
Ø
2 NX R R1
DETAIL A
-
-
2.0
0.05
-
-
Dimensions in (mm)
20 PIN SSOP
JEDEC MO-150
(AE) Variation
1.65
1.75
1.85
0.22
-
0.38
0.09
-
0.25
0.55
0.75
0.95
0º
4º
8º
A
A1
A2
b
c
D
E
E1
L
L1
Ø
MIN
NOM
MAX
7.40
7.80
8.20
5.00
5.30
5.60
1.25 REF
6.90
7.20
7.50
e
A
A
Section A-A
20 PIN SSOP
PACKAGE: 20 PIN SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com