Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDH60F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDH60F
Description  1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDH60F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDH60F Datasheet HTML 1Page - Solid States Devices, Inc SDH60F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE OUTLINE: SURFACE MOUNT SQUARE TAB (SMS)
SDH20F & FSMS
thru
SDH60F & FSMS
PACKAGE OUTLINE: AXIAL RECTIFIER
DIMENSIONS
DIM
MIN.
MAX.
A
0.230
0.270"
B
--
.180"
C
1.00"
--
D
.047"
.053"
DIMENSIONS
DIM
MIN.
MAX.
A
0.195
0.205"
B
.280"
.320"
C
.020"
.030"
D
.002"
--
NOTES:
Consult manufacturing for operating curves.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SOLID STATE DEVICES, INC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com