Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDH60F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDH60F
Description  1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDH60F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDH60F Datasheet HTML 1Page - Solid States Devices, Inc SDH60F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
FEATURES:
AXIAL
1 - 1.5 AMPS
2000 - 6000 VOLTS
FAST RECOVERY
HIGH VOLTAGE
RECTIFIER
SDH20F & FSMS
thru
SDH60F & FSMS
• Fast Recovery: 180 nsec Maximum
• PIV to 6000 Volts
• Hermetically Sealed Axial and Surface Mount Package
• Void-Free Construction
• Metallurgically Bonded
• 175oC Maximum Operating Temperature
• Replacement for 1N6512 thru 1N6518 and 1N6520 thru
1N6526 in Many Applications.
• TX, TXV, and Space Level Screening Available
• Available in Ultra Fast and Hyper Fast versions. Contact
Factory
1.30
ELECTRICAL CHARACTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RC0058B
SURFACE MOUNT
(SMS)
Part
Number
Symbol
Units
Conditions
SDH20F
SDH25F
SDH30F
SDH40F
SDH50F
Peak
Inverse
Voltage
Average
Rectified
Current
Maximum
Reverse
Current
Maximum
Surge
Current
(1 Cycle)
Maximum
Forward
Voltage
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
PIV
I0
IR @ PIV
IFSM
VF 2/
CJ
θθθθθJL
tRR 5/
Volts
A
µµµµµA
Amps
Volts
pF
oC/W
nsec
25oC25oC
25oC
VR = 100V
fT = 1MHZ
L=1/8"
25oC
100oC25oC
100oC
1.5
60
6.0
8
180
1.0
1.0
15
2000
10
1.5
60
6.0
8
180
1.0
1.0
15
2500
10
1.5
60
6.0
8
180
1.0
1.0
15
3000
10
1.0
40
9.5
8
180
0.5
1.0
15
4000
8
1.0
40
9.5
8
180
0.5
1.0
15
5000
8
NOTES:
1. Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable dielectric material.
2.
IF = I0; Maximum forward voltage measured with instantaneous forward pulse of 300µsec minimum.
3. Maximum lead/end tab temperature for soldering is 250oC, 3/8" from case for 5 sec maximum.
4. Operating and Storage temperature: -65 to +175oC.
5. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A, TA = 25oC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SOLID STATE DEVICES, INC.
SDH60F
1.0
40
9.5
8
180
0.5
1.0
15
6000
8
4
4
4
4
4
4
θθθθθJE


Similar Part No. - SDH60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDH60F ETC1-SDH60F Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH60F SSDI-SDH60F Datasheet
72Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
List of Unclassifed Man...
SDH60FSMS ETC1-SDH60FSMS Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDH60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDH60F ETC1-SDH60F Datasheet
55Kb / 2P
1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Chongqing Pingwei Enter...
FR151 CHONGQING-FR151_16 Datasheet
177Kb / 1P
1.5AMPS . FAST RECOVERY RECTIFIERS
FR151G CHONGQING-FR151G_16 Datasheet
177Kb / 1P
1.5AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com