Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2369 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2369
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2369 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2369 Datasheet HTML 2Page - RF Micro Devices RF2369 Datasheet HTML 3Page - RF Micro Devices RF2369 Datasheet HTML 4Page - RF Micro Devices RF2369 Datasheet HTML 5Page - RF Micro Devices RF2369 Datasheet HTML 6Page - RF Micro Devices RF2369 Datasheet HTML 7Page - RF Micro Devices RF2369 Datasheet HTML 8Page - RF Micro Devices RF2369 Datasheet HTML 9Page - RF Micro Devices RF2369 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-408
RF2369
Rev B2 061016
Gain (Bypass Mode) versus VCC
Cellular LNA
-2.9
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
2.52.6
2.7
2.8
2.93.0
3.13.2
3.33.4
3.5
VCC (V)
TEMP = -30C
TEMP = 25C
TEMP = 85C
IIP3 (High Gain Mode) versus VCC
Cellular LNA
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VCC (V)
TEMP = -30C
TEMP = 25C
TEMP = 85C
Gain (High Gain Mode) versus VCC
Cellular LNA
14.5
15.0
15.5
16.0
16.5
17.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VCC (V)
TEMP=-30C
TEMP=25C
TEMP=85C
IIP3 (Bypass Mode) versus VCC
Cellular LNA
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VCC (V)
TEMP = -30C
TEMP = 25C
TEMP = 85C
Total ICC (High Gain Mode) versus VCC
Cellular LNA
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
2.5
2.6
2.72.8
2.93.0
3.13.2
3.3
3.4
3.5
VCC (V)
TEMP = -30C
TEMP = 25C
TEMP = 85C
High Gain Mode Noise Figure versus VCC,
Cellular LNA
0.0
0.5
1.0
1.5
2.0
2.5
2.5
2.7
2.9
3.1
3.3
3.5
VCC (V)
NF, -30C
NF, +25C
NF, +85C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com