Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2369 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2369
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2369 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2369 Datasheet HTML 1Page - RF Micro Devices RF2369 Datasheet HTML 2Page - RF Micro Devices RF2369 Datasheet HTML 3Page - RF Micro Devices RF2369 Datasheet HTML 4Page - RF Micro Devices RF2369 Datasheet HTML 5Page - RF Micro Devices RF2369 Datasheet HTML 6Page - RF Micro Devices RF2369 Datasheet HTML 7Page - RF Micro Devices RF2369 Datasheet HTML 8Page - RF Micro Devices RF2369 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-401
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
2
GND1
3
RF IN
4
RF OUT
5
GND2
Logic
Control
1
VREF/PD
SELECT
6
RF2369
3V LOW NOISE AMPLIFIER/
3V PA DRIVER AMPLIFIER
• CDMA/Cellular Bypass LNA
• CDMA/Cellular Bypass Driver Amplifier
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2369 is a switchable low noise amplifier with a
very high dynamic range designed for digital cellular
applications. The device functions as an outstanding front
end low noise amplifier. When used as an LNA, the bias
current can be set externally. When used as a PA driver,
the IC can operate directly from a single cell Li-ion battery
and includes a power down feature that can be used to
completely turn off the device. The IC is featured in a
standard SOT 6-lead plastic package.
• Low Noise and High Intercept Point
• Adjustable Bias Current
• LNA Bypass Loss is +2dB
• 150MHz to 2500MHz Operation
• Meets IMD Tests with Two Gain
States/Single Logic Control Line
RF2369
3V Low Noise Amplifier/ 3V PA Driver Amplifier
RF2369PCBA-41X Fully Assembled Evaluation Board (LNA)
0
Rev B2 061016
0.10
MAX.
0.90
0.70
1.30
1.00
1.90
3.10
2.70
0.50
0.35
3.00
2.60
1.80
1.40
0.25
0.10
0.37 MIN.
Shaded lead is pin 1.
Dimensions in mm.
*When Pin 1 is in upper left,
text reads downward
(as shown).
Package Style: SOT 6-Lead
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2369

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369PCBA RFMD-RF2369PCBA Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369PCBA-41X RFMD-RF2369PCBA-41X Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2369

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com