Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508CF Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP508CF
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508CF Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP508CF Datasheet HTML 5Page - Sipex Corporation SP508CF Datasheet HTML 6Page - Sipex Corporation SP508CF Datasheet HTML 7Page - Sipex Corporation SP508CF Datasheet HTML 8Page - Sipex Corporation SP508CF Datasheet HTML 9Page - Sipex Corporation SP508CF Datasheet HTML 10Page - Sipex Corporation SP508CF Datasheet HTML 11Page - Sipex Corporation SP508CF Datasheet HTML 12Page - Sipex Corporation SP508CF Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
SP508 Pin Designation
SP508CF
SP508CB
DESIG
SP508CF
SP508CB
DESIG
1A2
VCC
51
N12
TxC(B)
2B2
GND
52
N13
GND
3B1
SDEN
53
M14
TxC(A)
4C2
TTEN
54
M13
CS(B)
5D1
STEN
55
L14
CS(A)
6E2
RSEN
56
K14
DM(B)
7F1
TREN
57
J14
DM(A)
8F3
RRCEN
58
J12
V10GND
9G2
RLEN
59
H13
RRT(B)
10
G1
LLEN#
60
H14
RRT(A)
11
G3
RDEN#
61
H12
IC(A)
12
H3
RTEN#
62
G12
TM(A)
13
H1
TxCEN#
63
G14
LL(A)
14
H2
CSEN#
64
G13
VCC
15
J2
DMEN#
65
F14
RL(A)
16
J3
RRTEN#
66
F13
VSS
17
K1
ICEN#
67
F12
C2-
18
K2
TMEN
68
E14
GND
19
L1
D0
69
E13
C1-
20
L2
D1
70
D14
C2+
21
L3
D2
71
D13
VCC
22
M2
TERM_OFF
72
C14
C1+
23
N1
D_LATCH#
73
B14
VDD
24
N/C
74
A14
GND
25
P1
GND
75
A13
TR(A)
26
P2
VCC
76
NC
27
P3
LOOPBACK#
77
A12
VCC
28
N3
TxD
78
B12
TR(B)
29
M3
TxCE
79
C12
RRC(A)
30
N4
ST
80
B11
VCC
31
P4
RTS
81
A11
RRC(A)
32
M4
DTR
82
C11
GND
33
N5
DCD_DCE
83
B10
RS(A)
34
P5
RL
84
A10
VCC
35
M5
LL
85
C10
RS(B)
36
N6
RxD
86
A9
GND
37
M6
RxC
87
C9
ST(A)
38
N7
TxC
88
A8
VCC
39
P7
CTS
89
C8
V35TGND3
40
M7
DSR
90
A7
ST(B)
41
P8
DCD_DTE
91
B7
GND
42
N8
RI
92
A6
TT(A)
43
P9
TM
93
B6
VCC
44
M9
GND
94
C6
V35TGND2
45
P10
VCC
95
A5
TT(B)
46
N10
V35RGND
96
B5
GND
47
M10
RD(B)
97
C5
SD(A)
48
P11
RD(A)
98
B4
VCC
49
N11
RT(B)
99
C4
V35TGND1
50
M11
RT(A)
100
B3
SD(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com