Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508CF Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP508CF
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508CF Datasheet(HTML) 1 Page - Sipex Corporation

  SP508CF Datasheet HTML 1Page - Sipex Corporation SP508CF Datasheet HTML 2Page - Sipex Corporation SP508CF Datasheet HTML 3Page - Sipex Corporation SP508CF Datasheet HTML 4Page - Sipex Corporation SP508CF Datasheet HTML 5Page - Sipex Corporation SP508CF Datasheet HTML 6Page - Sipex Corporation SP508CF Datasheet HTML 7Page - Sipex Corporation SP508CF Datasheet HTML 8Page - Sipex Corporation SP508CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
FEATURES
■ 20Mbps Differential Transmission Rates
■ 15kV ESD Tolerance for Analog I/Os
■ Internal Transceiver Termination Resistors
for V.11/V.35
■ Interface Modes:
✓ RS-232 (V.28)
✓ EIA-530 (V.10 & V.11)
✓ X.21 (V.11)
✓ EIA-530A (V.10 & V.11)
✓ RS-449/V.36
✓ V.35
(V.10 & V.11)
■ Software Selectable Protocols with 3-Bit Word
■ Eight Drivers and Eight Receivers
■ V.35/V.11 Receiver Termination Network
Disable Option
■ Internal Line or Digital Loopback Testing
■ Adheres to NET1/NET2 and TBR-2 Requirements
SP508
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver
with Programmable DCE/DTE and Termination Resistors
DESCRIPTION
The SP508 is a monolithic device that supports eight (8) popular serial interface standards for
Wide Area Network (WAN) connectivity. The SP508 is fabricated using a low power BiCMOS
process technology, and incorporates a Sipex regulated charge pump allowing +5V only
operation. Sipex's patented charge pump provides a regulated output of +5.8V, which will
provide enough voltage for compliant operation in all modes. Eight (8) drivers and eight (8)
receivers can be configured via software for any of the above interface modes at any time. The
SP508 requires no additional external components for compliant operation for all of the eight
(8) modes of operation other than four capacitors used for the internal charge pump. All
necessary termination is integrated within the SP508 and is switchable when V.35 drivers and
V.35 receivers, or when V.11 receivers are used. The SP508 provides the controls and
transceiver availability for operating as either a DTE or DCE.
Additional features with the SP508 include internal loopback that can be initiated in any of the
operating modes by use of the LOOPBACK pin. While in loopback mode, receiver outputs are
internally connected to driver inputs creating an internal signal path bypassing the serial
communications controller for diagnostic testing. The SP508 also includes a latch enable pin
with the driver and receiver address decoder. The internal V.11 or V.35 receiver termination
can be switched off using a control pin (TERM_OFF) for monitoring applications. All eight (8)
drivers and receivers in the SP508 include separate enable pins for added convenience. The
SP508 is ideal for WAN serial ports in networking equipment such as routers, access
concentrators, network muxes, DSU/CSU's, networking test equipment, and other access
devices.
Applicable U.S. Patents-5,306,954; and others patents pending
®
APPLICATIONS
■ Router
■ Frame Relay
■ CSU
■ DSU
■ PBX
■ Secure Communication Terminals
■ Easy Flow-Through Pinout
■ +5V Only Operation
■ Individual Driver/Receiver Enable/Disable Controls
■ Operates in DTE or DCE Mode
Now Available in Lead Free Packaging
Refer to page 7 for pinout


Similar Part No. - SP508CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508CF SIPEX-SP508CF Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508CF SIPEX-SP508CF Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508CF SIPEX-SP508CF Datasheet
72Kb / 10P
Evaluation Board Manual
More results

Similar Description - SP508CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com