Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP206BEA/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP206BEA/TR
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206BEA/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP206BEA/TR Datasheet HTML 8Page - Sipex Corporation SP206BEA/TR Datasheet HTML 9Page - Sipex Corporation SP206BEA/TR Datasheet HTML 10Page - Sipex Corporation SP206BEA/TR Datasheet HTML 11Page - Sipex Corporation SP206BEA/TR Datasheet HTML 12Page - Sipex Corporation SP206BEA/TR Datasheet HTML 13Page - Sipex Corporation SP206BEA/TR Datasheet HTML 14Page - Sipex Corporation SP206BEA/TR Datasheet HTML 15Page - Sipex Corporation SP206BEA/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
12
TYPICAL APPLICATION CIRCUITS
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
R1 OUT*
R1 IN*
EN
SD
10
12
13
14
7
6
18
19
5
20
9
11
15
2
3
1
24
4
21
SP206B
T1
T2
T3
T4
8
GND
R2 OUT*
R2 IN*
22
23
R3 OUT*
R3 IN*
17
16
R1
R2
R3
5kOHM
5kOHM
5kOHM
*Receivers active during shutdown
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
R1 OUT
R1 IN
10
12
13
14
7
6
18
19
17
9
11
15
2
3
1
24
4
SP207
T1
T2
T3
T4
8
GND
R2 OUT
R2 IN
5
23
R3 OUT
R3 IN
22
16
R1
R2
R3
5kOHM
5kOHM
5kOHM
T5 IN
400kOHM
T5 OUT
21
20
T5
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
R1 OUT*
R1 IN*
EN
12
14
15
16
7
6
20
21
8
24
11
13
17
2
3
1
28
9
SP207B
T1
T2
T3
T4
10
GND
R2 OUT*
R2 IN*
54
R2
5kOHM
5kOHM
R3 OUT*
R3 IN*
19
18
R3
5kOHM
SD
*Receivers active during shutdown
25
T5 IN
400kOHM
T5 OUT
26
23
T5
R1
The
SP207B is offered in a 28–pin SOIC or 28–pin SSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com