Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP206BEA/TR Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP206BEA/TR
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206BEA/TR Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP206BEA/TR Datasheet HTML 8Page - Sipex Corporation SP206BEA/TR Datasheet HTML 9Page - Sipex Corporation SP206BEA/TR Datasheet HTML 10Page - Sipex Corporation SP206BEA/TR Datasheet HTML 11Page - Sipex Corporation SP206BEA/TR Datasheet HTML 12Page - Sipex Corporation SP206BEA/TR Datasheet HTML 13Page - Sipex Corporation SP206BEA/TR Datasheet HTML 14Page - Sipex Corporation SP206BEA/TR Datasheet HTML 15Page - Sipex Corporation SP206BEA/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
RS-232 Transceivers with Low–Power Shutdown and Tri–state Enable:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP206CA .......... 4 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP206CA/TR .... 4 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP206CP .......... 4 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin PDIP
SP206CT .......... 4 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP206CT/TR .... 4 ............................. 3 ................................ 0°C to +70°C ............................ 24–pin WSOIC
SP206EA .......... 4 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP206EA/TR .... 4 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP206EP .......... 4 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin PDIP
SP206ET .......... 4 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP206ET/TR .... 4 ............................. 3 ............................ –40°C to +85°C ............................ 24–pin WSOIC
SP211CA .......... 4 ............................. 5 ................................ 0°C to +70°C .............................. 28–pin SSOP
SP211CA/TR .... 4 ............................. 5 ................................ 0°C to +70°C .............................. 28–pin SSOP
SP211CT .......... 4 ............................. 5 ................................ 0°C to +70°C ............................ 28–pin WSOIC
SP211CT/TR .... 4 ............................. 5 ................................ 0°C to +70°C ............................ 28–pin WSOIC
SP211EA .......... 4 ............................. 5 ............................ –40°C to +85°C .............................. 28–pin SSOP
SP211EA/TR .... 4 ............................. 5 ............................ –40°C to +85°C .............................. 28–pin SSOP
SP211ET .......... 4 ............................. 5 ............................ –40°C to +85°C ............................ 28–pin WSOIC
SP211ET/TR .... 4 ............................. 5 ............................ –40°C to +85°C ............................ 28–pin WSOIC
RS-232 Transceivers with Low–Power Shutdown, Tri–state Enable, and
Wake–Up Function:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP206BCA ....... 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 24–pin SSOP
SP206BCA/TR . 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 24–pin SSOP
SP206BCP ....... 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................... 24–pin PDIP
SP206BCT ....... 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................ 24–pin WSOIC
SP206BCT/TR . 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................ 24–pin WSOIC
SP206BEA ....... 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 24–pin SSOP
SP206BEA/TR . 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 24–pin SSOP
SP206BET ........ 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................ 24–pin WSOIC
SP206BET/TR .. 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................ 24–pin WSOIC
SP207BCA ....... 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 28–pin SSOP
SP207BCA/TR . 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 28–pin SSOP
SP207BCT ....... 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................ 28–pin WSOIC
SP207BCT/TR . 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................ 28–pin WSOIC
SP207BEA ....... 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 28–pin SSOP
SP207BEA/TR . 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 28–pin SSOP
SP207BET ........ 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................ 28–pin WSOIC
SP207BET/TR .. 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................ 28–pin WSOIC
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com