Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706PCU Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP706PCU
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706PCU Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP706PCU Datasheet HTML 3Page - Sipex Corporation SP706PCU Datasheet HTML 4Page - Sipex Corporation SP706PCU Datasheet HTML 5Page - Sipex Corporation SP706PCU Datasheet HTML 6Page - Sipex Corporation SP706PCU Datasheet HTML 7Page - Sipex Corporation SP706PCU Datasheet HTML 8Page - Sipex Corporation SP706PCU Datasheet HTML 9Page - Sipex Corporation SP706PCU Datasheet HTML 10Page - Sipex Corporation SP706PCU Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Date: 6-28-04
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2004 Sipex Corporation
Figure 4A. Power-Fail Comparator De-assertion
Response Time.
30pF
1KΩ
PFO
+1.25V
+3.3V
PFI
VCC = +3.3V
TA = +25 C
Figure 4B. Circuit for the Power-Fail Comparator
De-assertion Response Time.
Figure 5A. Power-Fail Comparator Assertion
Response Time.
Figure 5B. Circuit for the Power-Fail Comparator
Assertion Response Time.
Figure 6A. SP706 RESET Output Voltage vs. Supply
Voltage.
Figure 6B. Circuit for the SP706 RESET Output
Voltage vs. Supply Voltage.
330pF
2KΩ
VCC
TA = +25
oC
VCC
RESET
RESET
GND
30pF
1KΩ
PFO
+1.25V
+3.3V
PFI
VCC = +3.3V
TA = +25 C
1.2V
0V
1.4V
PFI
3V
PFO
PFI
1.2V
PFO
0V
3V
1.4V
3.6V
V
CC
0V
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com