Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706PCU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP706PCU
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706PCU Datasheet(HTML) 4 Page - Sipex Corporation

  SP706PCU Datasheet HTML 1Page - Sipex Corporation SP706PCU Datasheet HTML 2Page - Sipex Corporation SP706PCU Datasheet HTML 3Page - Sipex Corporation SP706PCU Datasheet HTML 4Page - Sipex Corporation SP706PCU Datasheet HTML 5Page - Sipex Corporation SP706PCU Datasheet HTML 6Page - Sipex Corporation SP706PCU Datasheet HTML 7Page - Sipex Corporation SP706PCU Datasheet HTML 8Page - Sipex Corporation SP706PCU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Date: 6-28-04
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2004 Sipex Corporation
SP706P/R/S/T
1
8
7
6
5
4
3
2
1
MR
VCC
GND
PFI
WDO
RESET / RESET*
WDI
PFO
SP708S/R/T
1
8
7
6
5
4
3
2
1
MR
VCC
GND
PFI
RESET
RESET
N.C.
PFO
*SP706P only
DIP and SOIC
1
8
7
6
5
4
3
2
1
WDO
MR
VCC
WDI
PFO
PFI
GND
1
8
7
6
5
4
3
2
1
RESET
RESET
MR
VCC
N.C.
PFO
PFI
GND
RESET / RESET*
SP706P/R/S/T
SP708S/R/T
*SP706P only
µSOIC
Figure 1. Pinouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com