Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACP Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP693ACP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACP Datasheet(HTML) 4 Page - Sipex Corporation

  SP693ACP Datasheet HTML 1Page - Sipex Corporation SP693ACP Datasheet HTML 2Page - Sipex Corporation SP693ACP Datasheet HTML 3Page - Sipex Corporation SP693ACP Datasheet HTML 4Page - Sipex Corporation SP693ACP Datasheet HTML 5Page - Sipex Corporation SP693ACP Datasheet HTML 6Page - Sipex Corporation SP693ACP Datasheet HTML 7Page - Sipex Corporation SP693ACP Datasheet HTML 8Page - Sipex Corporation SP693ACP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
4
S
R
E
T
E
M
A
R
A
P
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
S
N
O
I
T
I
D
N
O
C
,
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
I
D
W
6
E
T
O
N
V
x
5
7
.
0
C
C
8
.
0
V
V
H
I
V
L
I
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
0
5
-
0
1
-
0
2
0
5
µA
V
0
=
I
D
W
V
=
I
D
W
T
U
O
R
O
T
A
R
A
P
M
O
C
L
I
A
F
-
R
E
W
O
P
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P
0
0
2
.
1
5
2
2
.
1
5
2
.
1
5
2
.
1
0
0
3
.
1
5
7
2
.
1
V
A
3
9
6
/
A
1
9
6
P
S
V
,
C
C
V
5
=
M
0
0
8
/
L
0
0
8
P
S
V
,
C
C
V
5
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
I
F
P
+
1
0
.
0
+ 5
2
A
n
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
P
5
.
3
1
.
0
4
.
0
V
I
K
N
I
S
A
m
2
.
3
=
I
E
C
R
U
O
S
1
=
µ V
,
A
C
C
V
5
=
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
O
F
P
1
0
6
5
1
0
0
1
A
m
µA
t
n
e
r
r
u
c
k
n
i
s
t
u
p
t
u
o
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
o
y
a
l
e
D
O
F
P
-
o
t
-
I
F
P
5
2
0
6
µs
V
D
O
V
m
5
1
=
V
D
O
V
m
5
1
=
G
N
I
T
A
G
E
L
B
A
N
E
-
P
I
H
C
E
C
N
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
+
5
0
0
.
0
+1
µA
e
d
o
m
e
l
b
a
s
i
d
E
C
N
I
E
C
o
t
T
U
O
,
e
c
n
a
t
s
i
s
e
R
7
E
T
O
N
5
6
0
5
1
Ω
e
d
o
m
e
l
b
a
n
e
E
C
T
U
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S
)
e
v
i
t
c
A
T
E
S
E
R
(
1
.
0
5
7
.
0
0
.
2
A
m
E
C
,
e
d
o
m
e
l
b
a
s
i
d
T
U
O
V
0
=
E
C
N
I
E
C
o
t
T
U
O
n
o
i
t
a
g
a
p
o
r
P
8
E
T
O
N
,
y
a
l
e
D
6
0
1
s
n
0
5
Ω
C
,
r
e
v
i
r
d
e
c
n
a
d
e
p
m
i
e
c
r
u
o
s
D
A
O
L
F
p
0
5
=
E
C
T
U
O
h
g
i
H
e
g
a
t
l
o
V
t
u
p
t
u
O
)
e
v
i
t
c
A
T
E
S
E
R
(
5
.
3
7
.
2
V
V
C
C
I
,
V
5
=
T
U
O
0
0
1
=
µA
V
C
C
V
,
V
0
=
T
T
A
B
I
,
V
8
.
2
=
T
U
O
1
=
µA
E
C
o
t
T
E
S
E
R
T
U
O
y
a
l
e
D
2
1
µs
n
w
o
d
-
r
e
w
o
p
R
O
T
A
L
L
I
C
S
O
L
A
N
R
E
T
N
I
C
S
O
N
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
0
1
.
0
+ 0
.
5
µA
C
S
O
L
E
S
V
0
=
C
S
O
N
I
t
n
e
r
r
u
C
p
U
-
ll
u
P
t
u
p
n
I
0
1
0
0
1
µA
C
S
O
L
E
S
V
=
T
U
O
C
S
O
,
g
n
i
t
a
o
l
f
r
o
N
I
V
0
=
C
S
O
L
E
S
t
n
e
r
r
u
C
p
U
-
ll
u
P
t
u
p
n
I
0
1
0
0
1
µA
C
S
O
L
E
S
V
0
=
C
S
O
N
I
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
0
2
z
H
k
C
S
O
L
E
S
V
0
=
C
S
O
N
I
r
o
t
a
ll
i
c
s
O
l
a
n
r
e
t
x
E
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
V
T
U
O
3
.
0
-
V
T
U
O
6
.
0
-
5
6
.
3
0
.
2
V
V
H
I
V
L
I
C
S
O
N
I
h
t
i
w
y
c
n
e
u
q
e
r
F
r
o
t
i
c
a
p
a
C
l
a
n
r
e
t
x
E
2
z
H
k
C
S
O
L
E
S
C
,
V
0
=
C
S
O
F
p
7
4
=
V
CC = +4.75V to +5.5V for the SP691A/800L, VCC = +4.5V to +5.5V for the SP693A/800M, VBATT = +2.8V, and TAMB = TMIN to TMAX unless otherwise
noted. Typical values apply at T
AMB=+25
OC.
1.237
1.263
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com