Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP693ACP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACP Datasheet(HTML) 5 Page - Sipex Corporation

  SP693ACP Datasheet HTML 1Page - Sipex Corporation SP693ACP Datasheet HTML 2Page - Sipex Corporation SP693ACP Datasheet HTML 3Page - Sipex Corporation SP693ACP Datasheet HTML 4Page - Sipex Corporation SP693ACP Datasheet HTML 5Page - Sipex Corporation SP693ACP Datasheet HTML 6Page - Sipex Corporation SP693ACP Datasheet HTML 7Page - Sipex Corporation SP693ACP Datasheet HTML 8Page - Sipex Corporation SP693ACP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
NOTE 1: Either V
CC or VBATT can go to 0V, if the other is greater than 2.0V.
NOTE 2: The supply current drawn by the SP691A/693A/800L/800M from the battery (excluding I
OUT) typically
goes to 5µA when (V
BATT - 1V) < VCC < VBATT. In most applications, this is a brief period as VCC falls through this region.
NOTE 3: "+" = battery-discharging current, "-" = battery-charging current.
NOTE 4: Although presented as typical values, the number of clock cycles for the reset and watchdog timeout
periods are fixed and do not vary with process or temperature.
NOTE 5: RESET is an open-drain output and sinks current only.
NOTE 6: WDI is internally connected to a voltage divider between V
OUT and GND. If unconnected, WDI is driven
to 1.6V (typ), disabling the watchdog function.
NOTE 7: The chip-enable resistance is tested with V
CC = +4.75V for the SP691A/800L and VCC = +4.5V for the
SP693A/800M. CE
IN = CEOUT = VCC/2.
NOTE 8: The chip-enable propagation delay is measured from the 50% point at CE
IN to the 50% point at CEOUT.
Figure 1. V
CC Supply Current vs. Temperature (Normal
Operating Mode)
Figure 3. Chip-Enable On-Resistance vs. Temperature
Figure 2. Battery Supply Current vs. Temperature
(Battery-Backup Mode)
Figure 4. V
BATT to VOUT On-Resistance vs. Temperature
V
CC = +4.75V to +5.5V for the SP691A/800L, VCC = +4.5V to +5.5V for the SP693A/800M, VBATT = +2.8V, and TAMB = TMIN to TMAX unless otherwise
noted. Typical values apply at T
AMB=+25
OC.
Temperature (oC)
-60
-30
0
30
60
90
120
43
40
37
34
31
28
25
V
CC = 5V
V
BATT = 2.8V
Temperature (oC)
-60
-30
0
30
60
90
120
150
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
V
CC = 1.6V
V
BATT = 2.8V
Temperature (oC)
-80 -60 -40 -20
0
20 40 60 80 100 120 140
75.0
70.0
65.0
60.0
55.0
50.0
45.0
40.0
V
CC = 4.75V
V
BATT = 2.8V
CE IN = V
CC/2
Temperature (oC)
-60
-30
0
30
60
90
120
150
14
12
10
8
6
4
2
0
V
CC = 0V
V
BATT = 2V
V
BATT = 2.8V
V
BATT = 4.5V
ELECTRICAL CHARACTERISTICS
(T
AMB = 25
oC, unless otherwise noted)
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com