Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP802LEN Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP802LEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802LEN Datasheet(HTML) 3 Page - Sipex Corporation

  SP802LEN Datasheet HTML 1Page - Sipex Corporation SP802LEN Datasheet HTML 2Page - Sipex Corporation SP802LEN Datasheet HTML 3Page - Sipex Corporation SP802LEN Datasheet HTML 4Page - Sipex Corporation SP802LEN Datasheet HTML 5Page - Sipex Corporation SP802LEN Datasheet HTML 6Page - Sipex Corporation SP802LEN Datasheet HTML 7Page - Sipex Corporation SP802LEN Datasheet HTML 8Page - Sipex Corporation SP802LEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
3
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R0
4V
mk
a
e
P
o
t
k
a
e
P
t
,
h
t
d
i
W
e
s
l
u
P
t
e
s
e
R
S
R
0
4
10
0
20
8
2s
m
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
RV
C
C
5
.
1
-I
E
C
R
U
O
S
0
0
8
=
µA
5
E
T
O
N1
.
04
.
0s
t
l
o
VI
K
N
I
S
A
m
2
.
3
=
4
0
0
.
03
.
0I
K
N
I
S
0
5
=
µ V
,
A
C
C
0
.
1
=
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R8
.
0I
E
C
R
U
O
S
4
=
µ V
,
A
C
C
,
V
0
.
1
=
6
E
T
O
NV
C
C
5
.
1
-s
t
l
o
VI
E
C
R
U
O
S
0
0
8
=
µA
1
.
04
.
0I
K
N
I
S
A
m
2
.
3
=
t
,
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
D
W
0
0
.
10
6
.
15
2
.
2c
e
s
t
,
h
t
d
i
W
e
s
l
u
P
I
D
W
P
W
0
5s
nV
L
I
V
,
V
4
.
0
=
H
I
V
(
)
8
.
0
(
=
C
C )
,
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
D
W
V
C
C
4
E
T
O
N
,
V
5
=5
.
3
8
.
0
s
t
l
o
V
w
o
l
c
i
g
o
L
h
g
i
h
c
i
g
o
L
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
0
5
1
-
0
5
0
5
-
0
5
1
µA
V
=
I
D
W
C
C
V
0
=
I
D
W
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P0
0
2
.
1
5
2
2
.
1
0
5
2
.
1
0
5
2
.
1
0
0
3
.
1
5
7
2
.
1
s
t
l
o
V
M
/
L
5
0
8
P
S
,
A
2
9
6
/
A
0
9
6
P
S
M
/
L
2
0
8
P
S
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P5
2
-1
0
.
05
2A
n
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
PV
C
C
5
.
1
-
1
.
04
.
0
s
t
l
o
V
I
E
C
R
U
O
S
0
0
8
=
µA
I
K
N
I
S
A
m
2
.
3
=
NOTE 1: The input voltage limits on PFI (pin 4) and WDI (pin 6) may be exceeded if the current into
these pins is limited to less than 10 mA.
NOTE 2: Either V
CC or VBATT can go to 0V if the other is greater than 2.0V.
NOTE 3: "-" equals the battery-charging current, "+" equals the battery-discharging current.
NOTE 4: WDI is guaranteed to be in an intermediate, non-logic level state if WDI is floating and V
CC
is in the operating voltage range. WDI is internally biased to 35% of V
CC with an input impedance of
50K
Ω.
NOTE 5: SP690A, SP692A, SP802L, and SP802M only.
NOTE 6: SP805L and SP805M only.
NOTE 7: WDI Minimum Rise/Fall time is 2
µs.
ELECTRICAL CHARACTERISTICS
V
cc=4.75v to 5.50V for SP690A/SP802L/SP805L, VCC=4.50V to 5.50V for SP692A/SP802M/SP805M, VBATT=2.80V, TA=TMIN to TMAX, typical specified at 25
OC,
unless otherwise noted.
NOTE 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com