Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP802LEN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP802LEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP802LEN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP802LEN Datasheet HTML 2Page - Sipex Corporation SP802LEN Datasheet HTML 3Page - Sipex Corporation SP802LEN Datasheet HTML 4Page - Sipex Corporation SP802LEN Datasheet HTML 5Page - Sipex Corporation SP802LEN Datasheet HTML 6Page - Sipex Corporation SP802LEN Datasheet HTML 7Page - Sipex Corporation SP802LEN Datasheet HTML 8Page - Sipex Corporation SP802LEN Datasheet HTML 9Page - Sipex Corporation SP802LEN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
6
Figure 1. V
CC to VOUT Vs. Output Current
Figure 3A. SP690A RESET Output Voltage vs.
Supply Voltage
Figure 2. V
BATT to VOUT Vs. Output Current
Figure 3B. Circuit for the SP690A/802L RESET
Output Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
2KΩ
RESET
VBATT = 0V
TA = +25 C
1
10
100
1000
IOUT (mA)
V
CC=4.5V
V
BATT=0V
Slope=0.6Ω
1
10
100
IOUT (mA)
V
BATT=4.5V
V
CC=0V
Slope=5Ω
Figure 4A. SP805L RESET Output Voltage vs.
Supply Voltage
Figure 4B. Circuit for the SP805 RESET Output
Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
10KΩ
VBATT
1000
100
10
1
1000
100
10
1
RESET
0V
VCC
VBATT = 0V
TA = 25 C
o
0V
2V
div
RESET
5V
VCC
0V
0V
2V
div
1sec/div
1sec/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com