Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACT Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP693ACT
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACT Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP693ACT Datasheet HTML 5Page - Sipex Corporation SP693ACT Datasheet HTML 6Page - Sipex Corporation SP693ACT Datasheet HTML 7Page - Sipex Corporation SP693ACT Datasheet HTML 8Page - Sipex Corporation SP693ACT Datasheet HTML 9Page - Sipex Corporation SP693ACT Datasheet HTML 10Page - Sipex Corporation SP693ACT Datasheet HTML 11Page - Sipex Corporation SP693ACT Datasheet HTML 12Page - Sipex Corporation SP693ACT Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
Pin 12 — CE
OUT — Chip-Enable Output. This
output pin goes LOW only when CE
IN is
LOW and V
CC is above the reset threshold
voltage. If CE
IN is LOW when RESET is
asserted, this output pin will stay low for
16
µs or until CE
IN goes HIGH, whichever
occurs first.
Pin 13 — CE
IN — Chip-Enable Input. This is the
input pin to the chip-enable gating circuit.
If this input pin is not used, connect it to
ground or V
OUT.
Pin 14 — WDO — Watchdog Output. If WDI
remains HIGH or LOW longer than the
watchdog timeout period, this output pin
goes LOW and RESET is asserted for the
reset timeout period. This output pin returns
HIGH on the next transition at WDI.
This output pin remains HIGH if WDI is
unconnected.
Pin 15 — RESET — Active LOW Reset Output.
This output pin goes LOW whenever V
CC
falls below the reset threshold. This output
pin will remain low typically for 200ms after
V
CC crosses the reset threshold voltage on
power-up.
Pin 16 — RESET — Active HIGH Reset
Output. This output pin is open drain and
the inverse of RESET.
Figure 16. Internal Block Diagram of the SP691A/693A/800L/800M
OSCIN
4
1.25V
Reset
Generator
CEOUT
Control
Watchdog
Timer
Reset /
Watchdog
Timebase
Watchdog
Transition
Detector
WDI
OSCSEL
VCC
VBATT
BATT ON
CEIN
CEOUT
VOUT
LOWLINE
RESET
RESET
PFO
PFI
9
11
8
7
3
1
5
13
12
GND
2
6
16
15
4.65V or
4.40V*
WDO
14
10
4.65V for the SP691A/800L
4.40V for the SP693A/800M
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com