Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP693ACT Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP693ACT
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP693ACT Datasheet(HTML) 3 Page - Sipex Corporation

  SP693ACT Datasheet HTML 1Page - Sipex Corporation SP693ACT Datasheet HTML 2Page - Sipex Corporation SP693ACT Datasheet HTML 3Page - Sipex Corporation SP693ACT Datasheet HTML 4Page - Sipex Corporation SP693ACT Datasheet HTML 5Page - Sipex Corporation SP693ACT Datasheet HTML 6Page - Sipex Corporation SP693ACT Datasheet HTML 7Page - Sipex Corporation SP693ACT Datasheet HTML 8Page - Sipex Corporation SP693ACT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
S
R
E
T
E
M
A
R
A
P
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
S
N
O
I
T
I
D
N
O
C
w
o
L
t
u
p
t
u
O
N
O
T
T
A
B
e
g
a
t
l
o
V
1
.
0
7
.
0
4
.
0
5
.
1
V
I
K
N
I
S
A
m
2
.
3
=
I
K
N
I
S
A
m
5
2
=
t
r
o
h
S
t
u
p
t
u
O
N
O
T
T
A
B
t
n
e
r
r
u
C
t
i
u
c
r
i
C
1
0
6
5
1
0
0
1
A
m
µA
t
n
e
r
r
u
c
k
n
i
s
t
n
e
r
r
u
c
e
c
r
u
o
s
R
E
M
I
T
G
O
D
H
C
T
A
W
D
N
A
,
E
N
I
L
W
O
L
,
T
E
S
E
R
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
e
s
e
R
0
5
.
4
5
2
.
4
0
6
.
4
5
3
.
4
5
6
.
4
0
4
.
4
5
6
.
4
0
4
.
4
5
7
.
4
0
5
.
4
0
7
.
4
5
4
.
4
V
A
1
9
6
P
S
A
3
9
6
P
S
L
0
0
8
P
S
M
0
0
8
P
S
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R
5
1
V
m
k
a
e
p
-
o
t
-
r
e
t
n
e
c
V
C
C
y
a
l
e
D
T
E
S
E
R
o
t
0
8
µs
n
w
o
d
r
e
w
o
p
y
a
l
e
D
T
E
S
E
R
o
t
E
N
I
L
W
O
L
0
0
8
s
n
n
w
o
d
r
e
w
o
p
d
o
i
r
e
P
t
u
o
e
m
i
T
e
v
i
t
c
A
t
e
s
e
R
r
o
t
a
ll
i
c
s
O
l
a
n
r
e
t
n
I
e
h
t
r
o
f
0
4
1
0
0
2
0
8
2
s
m
p
u
-
r
e
w
o
p
d
o
i
r
e
P
t
u
o
e
m
i
T
e
v
i
t
c
A
t
e
s
e
R
,
k
c
o
l
C
l
a
n
r
e
t
x
E
e
h
t
r
o
f
4
E
T
O
N
8
4
0
2
k
c
o
l
c
s
e
l
c
y
c
p
u
-
r
e
w
o
p
r
o
f
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
r
o
t
a
ll
i
c
s
O
l
a
n
r
e
t
n
I
e
h
t
0
.
1
0
7
6
.
1
0
0
1
5
2
.
2
0
4
1
c
e
s
s
m
d
o
i
r
e
p
g
n
o
l
d
o
i
r
e
p
t
r
o
h
s
r
o
f
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
4
E
T
O
N
,
k
c
o
l
C
l
a
n
r
e
t
x
E
e
h
t
6
9
0
4
4
2
0
1
k
c
o
l
c
s
e
l
c
y
c
d
o
i
r
e
p
g
n
o
l
d
o
i
r
e
p
t
r
o
h
s
t
u
p
n
I
g
o
d
h
c
t
a
W
m
u
m
i
n
i
M
h
t
d
i
W
e
s
l
u
P
0
0
1
s
n
V
L
I
V
,
V
8
.
0
=
H
I
V
x
5
7
.
0
=
C
C
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
5
.
3
4
0
0
.
0
1
.
0
3
.
0
4
.
0
V
I
K
N
I
S
0
5
=
µ V
,
A
C
C
V
,
V
1
=
C
C
g
n
il
l
a
f
I
K
N
I
S
V
,
A
m
2
.
3
=
C
C
V
5
2
.
4
=
I
E
C
R
U
O
S
V
,
A
m
6
.
1
=
C
C
V
5
=
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O
T
E
S
E
R
t
n
e
r
r
u
C
7
0
2
A
m
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
o
,
w
o
L
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
5
E
T
O
N
1
.
0
4
.
0
V
I
K
N
I
S
A
m
2
.
3
=
e
g
a
t
l
o
V
t
u
p
t
u
O
E
N
I
L
W
O
L
5
.
3
1
.
0
4
.
0
V
I
K
N
I
S
V
,
A
m
2
.
3
=
C
C
V
5
2
.
4
=
I
E
C
R
U
O
S
1
=
µ V
,
A
C
C
V
5
=
t
r
o
h
S
t
u
p
t
u
O
E
N
I
L
W
O
L
t
n
e
r
r
u
C
t
i
u
c
r
i
C
5
1
0
0
1
µA
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
o
e
g
a
t
l
o
V
t
u
p
t
u
O
O
D
W
5
.
3
1
.
0
4
.
0
V
I
K
N
I
S
A
m
2
.
3
=
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
C
C
V
5
=
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O
O
D
W
t
n
e
r
r
u
C
3
0
1
A
m
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
o
V
CC = +4.75V to +5.5V for the SP691A/800L, VCC = +4.5V to +5.5V for the SP693A/800M, VBATT = +2.8V, and TAMB = TMIN to TMAX unless otherwise
noted. Typical values apply at T
AMB=+25
OC.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com