Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2460 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 15Page - RF Micro Devices RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices RF2460 Datasheet HTML 19Page - RF Micro Devices RF2460 Datasheet HTML 20Page - RF Micro Devices RF2460 Datasheet HTML 21Page - RF Micro Devices RF2460 Datasheet HTML 22Page - RF Micro Devices RF2460 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
8-99
RF2460
Rev B5 060921
Instructions (Board loss, taking into consideration description in the W-CDMA schematic)
LNA
ICC LNA current=total current (VCC=LNA Gain=2.75)-total current (VCC=2.75; LNA Gain=0)
To measure ICC LNA only:
LNA Gain was switched between 0V and 2.75V, and record the delta current.
Mixer
ICC Mix and Bias Current=Total Current (VCC1=EN=VCC2=Mix Gain=2.75; LNA Gain=0)-total current (VCC1=EN=2.75;
Mix Gain=LNA Gain=VCC2=0)
LO signal should be present. VCC2 only affects LO current buffer and R6 doesn’t affect the mixer current.
LNA Gain, Noise Figure, and IIP3 versus ICC - LNA Only
(LNA High Gain)
-10.00
-5.00
0.00
5.00
10.00
15.00
20.00
1.00
3.00
5.00
7.00
9.00
11.00
13.00
15.00
ICC (mA)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
Gain (dB)
IIP3 (dBm)
NF (dBm)
Mixer Gain, Noise Figure and IIP3 versus ICC - Mixer and
Bias Circuits (Mixer High Gain, LO=-7dBm)
-8.00
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
6.00
6.50
7.00
7.50
8.00
8.50
9.00
9.50
10.00
ICC (mA)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
Gain (dB)
IIP3 (dBm)
NF (dBm)
R6 versus ICC for LNA
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
ICC (mA)
R3 versus ICC for Mixer and Bias Circuits
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
6.0
6.5
7.07.5
8.08.5
9.09.5
10.0
ICC (mA)
W-CDMA
(See W-CDMA Application Schematic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com