Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2460 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices RF2460 Datasheet HTML 19Page - RF Micro Devices RF2460 Datasheet HTML 20Page - RF Micro Devices RF2460 Datasheet HTML 21Page - RF Micro Devices RF2460 Datasheet HTML 22Page - RF Micro Devices RF2460 Datasheet HTML 23Page - RF Micro Devices RF2460 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
8-101
RF2460
Rev B5 060921
Mixer High Gain Mode,
LO @ -7 dBm W-CDMA
8.00
9.00
10.00
11.00
12.00
13.00
14.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
Mixer High Gain Mode,
LO @ -7 dBm W-CDMA
8.00
8.50
9.00
9.50
10.00
10.50
11.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
NF, -30º
NF, 25º
NF, 85º
Mixer High Gain Mode,
VCC @ 2.75 W-CDMA
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
LO (dBm)
Gain, -30º
Gain, 25º
Gain, 85º
Mixer IF High Gain Mode,
VCC @ 2.75 W-CDMA
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
LO (dBm)
IIP3, -30º
IIP3, 25º
IIP3, 85º
Mixer IF High Gain Mode,
VCC @ 2.75 W-CDMA
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO (dBm)
NF, -30º
NF, 25º
NF, 85º
Mixer IF High Gain Mode,
VCC @ 2.75 W-CDMA
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
LO (dBm)
Icc, -30º
Icc, 25º
Icc, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com