Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472G Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2472G
Description  2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472G Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2472G Datasheet HTML 2Page - RF Micro Devices RF2472G Datasheet HTML 3Page - RF Micro Devices RF2472G Datasheet HTML 4Page - RF Micro Devices RF2472G Datasheet HTML 5Page - RF Micro Devices RF2472G Datasheet HTML 6Page - RF Micro Devices RF2472G Datasheet HTML 7Page - RF Micro Devices RF2472G Datasheet HTML 8Page - RF Micro Devices RF2472G Datasheet HTML 9Page - RF Micro Devices RF2472G Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-516
RF2472
Rev A10 040927
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Smith Chart
Swp Max
5.00069GHz
Swp Min
0.1GHz
S1,1
S2,2
Gain versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
0.0
1.0
2.0
3.0
4.0
5.0
Frequency (GHz)
Noise Figure and Gain versus Frequency
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
4.90
5.00
5.10
5.20
5.30
5.40
5.50
5.60
5.70
5.80
5.90
Frequency (GHz)
NF vs F
G vs F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com