Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472G Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2472G
Description  2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472G Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2472G Datasheet HTML 2Page - RF Micro Devices RF2472G Datasheet HTML 3Page - RF Micro Devices RF2472G Datasheet HTML 4Page - RF Micro Devices RF2472G Datasheet HTML 5Page - RF Micro Devices RF2472G Datasheet HTML 6Page - RF Micro Devices RF2472G Datasheet HTML 7Page - RF Micro Devices RF2472G Datasheet HTML 8Page - RF Micro Devices RF2472G Datasheet HTML 9Page - RF Micro Devices RF2472G Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-513
RF2472
Rev A10 040927
Evaluation Board Schematic - 1.9GHz
Evaluation Board Schematic - 2.4GHz
1
2
3
5
4
J2
RF OUT
J1
RF IN
PD
C8
15 nF
C2
15 nF
VCC
C1
10 nF
L1
10 nH
R3
10
Ω
C7
15 nF
C6
3 pF
VCC
C4
15 nF
R1
1 k
Ω
U1
50
Ωμstrip
R4
1.8 k
Ω
L2
5.6 nH
50
Ωμstrip
50
Ωμstrip
L3
2.7 nH
C3
0.5 pF
50
Ωμstrip
GND
P1-1
PD
P1
1
2
GND
P2-1
VCC
1
2
P2
1
2
3
5
4
J2
RF OUT
J1
RF IN
PD
C8
15 nF
P1
1
2
C2
15 nF
VCC
C1
15 nF
L1
10 nH
R3
10
Ω
C7
15 nF
C6
3 pF
VCC
C4
15 nF
R1
1 k
Ω
U1
50
Ωμstrip
R4
1.0 k
Ω
L2
5.6 nH
50
Ωμstrip
1
2
P2-1
P2
GND
VCC1
P1-1
PD
GND
2472400-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com