Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3483 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3483
Description  3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3483 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3483 Datasheet HTML 1Page - Sipex Corporation SP3483 Datasheet HTML 2Page - Sipex Corporation SP3483 Datasheet HTML 3Page - Sipex Corporation SP3483 Datasheet HTML 4Page - Sipex Corporation SP3483 Datasheet HTML 5Page - Sipex Corporation SP3483 Datasheet HTML 6Page - Sipex Corporation SP3483 Datasheet HTML 7Page - Sipex Corporation SP3483 Datasheet HTML 8Page - Sipex Corporation SP3483 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 6/23/04
SP3483 Low Power Slew Rate Limited Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
SP3483
■ RS-485 and RS-422 Transceiver
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Driver/Receiver Enable
■ Low Power Shutdown Mode
■ -7V to +12V Common-Mode Input
Voltage Range
■ Allows up to 32 transceivers on
the serial bus
■ Compatibility with the industry
standard 75176 pinout
■ Driver Output Short-Circuit Protection
■ Slew Rate Limited Driver for Low EMI
(SP3483)
The SP3483 device is part of a family of +3.3V low power half-duplex transceivers that meet
the specifications of the RS-485 and RS-422 serial protocols. This device is pin-to-pin
compatible with the Sipex SP483 device as well as popular industry standards. The SP3483
features Sipex's BiCMOS process, allowing low power operation without sacrificing
performance. The SP3483 is internally slew rate limited to reduce EMI and can meet the
requirements of RS-485 and RS-422 up to 250kbps.
+3.3V Low Power Slew Rate Limited
Half-Duplex RS-485 Transceiver
®
DESCRIPTION
INPUTS
OUTPUTS
LINE
RE
DE
DI CONDITION
B
A
X1
1
No Fault
0
1
X1
0
No Fault
1
0
X0
X
X
ZZ
INPUTS
OUTPUTS
RE
DE
A - B
R
00
+0.2V
1
00
-0.2V
0
00
Inputs Open
1
10
X
Z
Table 1. Transmit Function Truth Table
Table 2. Receive Function Truth Table
TRUTH TABLES
1
2
3
4
5
6
7
8
8 Pin nSOIC
RE
SP3483
RO
DE
DI
B
A
GND
VCC
Now Available in Lead Free Packaging


Similar Part No. - SP3483

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3483 SIPEX-SP3483 Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP3483 EXAR-SP3483 Datasheet
564Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP3483CN SIPEX-SP3483CN Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
SP3483CP SIPEX-SP3483CP Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
SP3483EN SIPEX-SP3483EN Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
More results

Similar Description - SP3483

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3483 SIPEX-SP3483 Datasheet
156Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Analog Devices
ADM488 AD-ADM488 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Oct-2005
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
logo
Exar Corporation
SP3483EN-L EXAR-SP3483EN-L Datasheet
564Kb / 9P
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM488 AD-ADM488_V01 Datasheet
385Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com