Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3483 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3483
Description  3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3483 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3483 Datasheet HTML 1Page - Sipex Corporation SP3483 Datasheet HTML 2Page - Sipex Corporation SP3483 Datasheet HTML 3Page - Sipex Corporation SP3483 Datasheet HTML 4Page - Sipex Corporation SP3483 Datasheet HTML 5Page - Sipex Corporation SP3483 Datasheet HTML 6Page - Sipex Corporation SP3483 Datasheet HTML 7Page - Sipex Corporation SP3483 Datasheet HTML 8Page - Sipex Corporation SP3483 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Date: 6/23/04
SP3483 Low Power Slew Rate Limited Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
4
PIN FUNCTION
Pin 1 – RO – Receiver Output.
Pin 2 – RE – Receiver Output Enable Active LOW.
Pin 3 – DE – Driver Output Enable Active HIGH.
Pin 4 – DI – Driver Input.
Pin 5 – GND – Ground Connection.
Pin 6 – A – Driver Output/Receiver Input
Non-inverting.
Pin 7 – B – Driver Output/Receiver Input Inverting.
Pin 8 – Vcc – Positive Supply +3.00V < V
CC < +3.60V
DESCRIPTION
The SP3483 device is part of a family of +3.3V
low power half-duplex transceivers that meet the
specifications of the RS-485 and RS-422 serial
protocols. The device is pin-to-pin compatible
with the Sipex SP483 device as well as popular
industry standards. The SP3483 features Sipex's
BiCMOS process allowing low power operation
without sacrificing performance.
Drivers
The driver outputs of the SP3483 are differential
outputs meeting the RS-485 and RS-422
standards. The typical voltage output swing
with no load will be 0 Volts to +3.3 Volts.
With a loading of 54
Ω across the differential
outputs, the drivers maintain greater than 1.5V
voltage levels. The drivers have an enable
control line which is active HIGH. A logic
HIGH on DE (pin 3) will enable the differential
driver outputs. A logic LOW on DE (pin 3) will
force the driver outputs into high impedance
(high-Z).
The SP3483 has internally slew rate limited
driver outputs to minimize EMI. The tranceivers
will operate up to 250kbps. The 250mA I
SC
maximum limit on the driver output allows the
SP3483 to withstand an infinite short circuit
over the -7.0V to +12.0V common mode range
without catastrophic damage to the IC.
SP3483
Pinout (Top View)
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View
Receivers
The SP3483 receiver has differential inputs with
an input sensitivity as low as
±200mV. Input
impedance of the receivers is typically 15k
Ω
(12k
Ω minimum). A wide common mode range
of -7V to +12V allows for large ground potential
differences between systems. The receiver of
the SP3483 has a high impedance (high-z)
enable control pin. A logic LOW on RE (pin 2)
will enable the receiver, a logic HIGH on RE
(pin 2) will disable the receiver.
The receiver of the SP3483 will operate up to
250kbps. The receiver is equipped with a
fail-safe feature that guarantees the receiver
output will be in a HIGH state when the input
is left unconnected.
Shutdown Mode
The SP3483 is equipped with a Shutdown mode.
To enable the Shutdown state, both the driver
and receiver must be disabled simultaneously.
A logic LOW on DE (pin 3) and a logic HIGH on
RE (pin 2) will put the SP3483 into Shutdown
mode. In Shutdown, supply current will drop to
typical 1
µA, 10µA maximum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com