Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2514 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2514 Datasheet HTML 1Page - RF Micro Devices RF2514 Datasheet HTML 2Page - RF Micro Devices RF2514 Datasheet HTML 3Page - RF Micro Devices RF2514 Datasheet HTML 4Page - RF Micro Devices RF2514 Datasheet HTML 5Page - RF Micro Devices RF2514 Datasheet HTML 6Page - RF Micro Devices RF2514 Datasheet HTML 7Page - RF Micro Devices RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
11-42
RF2514
Rev A5 040115
Pin
Function
Description
Interface Schematic
13
LD FLT
This pin is used to set the threshold of the lock detect circuit. A shunt
capacitor should be used to set an RC time constant with the on-chip
series 1k resistor. The time constant should be approximately 10 times
the reference period.
14
DIV CTRL
Logic “High” input selects divide-by-64 prescaler. Logic “Low” input
selects divide-by-32 prescaler.s
15
OSC B
This pin is connected directly to the reference oscillator transistor base.
The intended reference oscillator configuration is a modified Colpitts. A
68pF capacitor should be connected between pin 15 and pin 16.
16
OSC E
This pin is connected directly to the emitter of the reference oscillator
transistor. A 33pF capacitor should be connected from this pin to
ground.
See pin 15.
Die
Flag
GND
Exposed die flag is centered and measures 1.5mmx1.5mm
(0.059in.x0.059in.). For best results, provide a solder pad for the flag
and connect immediately to ground plane (see evaluation board lay-
out). Internally connected to pins 1 and 9.
ESD
This diode structure is used to provide electrostatic discharge protec-
tion to 3kV using the Human body model. The following pins are pro-
tected: 1, 2, 4-9, 12-14. The die flag is not protected.
LD FLT
V
CC
DIV CTRL
V
CC
OSC E
V
CC
OSC B
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com