Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2514 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2514 Datasheet HTML 3Page - RF Micro Devices RF2514 Datasheet HTML 4Page - RF Micro Devices RF2514 Datasheet HTML 5Page - RF Micro Devices RF2514 Datasheet HTML 6Page - RF Micro Devices RF2514 Datasheet HTML 7Page - RF Micro Devices RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices RF2514 Datasheet HTML 10Page - RF Micro Devices RF2514 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
11-45
RF2514
Rev A5 040115
transmission of the desired data. There is no need for
an external microprocessor to monitor the lock status,
although that can be done with a low current A/D con-
verter in a system micro, if needed. The lock detect cir-
cuitry
contains
an
internal
1k
Ω resistor which,
combined with a designer-chosen capacitor for a par-
ticular RC time constant, filters the lock detect signal.
This signal is then passed through an internal Schmitt
trigger and used to enable or disable the transmit
amplifier.
If the oscillator unlocks, even momentarily, the protec-
tion circuit quickly disables the output until lock is
achieved. These unlocks can be caused by low battery
voltage, poor power supply regulation, severe shock of
the crystal or VCO, antenna loading, component fail-
ure, or a myriad of unexpected single-point failures.
The RF2514 contains onboard band gap reference
voltage circuitry which provides a stable DC bias over
varying temperature and supply voltages. Additionally,
the device features a power-down mode, eliminating
battery disconnect switches.
Designing with the RF2514
The reference oscillator is built around the onboard
transistor at pins 15 and 16. The intended topology is
that of a Colpitts oscillator. The Colpitts oscillator is
quite common and requires few external components,
making it ideal for low cost solutions. The topology of
this type of oscillator is as seen in the following figure.
This type of oscillator is a parallel resonant circuit for a
fundamental mode crystal. The transistor amplifier is
an emitter follower and the voltage gain is developed
by the tapped capacitor impedance transformer. The
series combination of C1 and C2 act in parallel with the
input capacitance of the transistor to capacitively load
the crystal.
The nominal capacitor values can be calculated with
the following equations
and
The load capacitance, Cload, is a characteristic of the
crystal used; freqMHz is the oscillator frequency in
MHz. The frequency can be adjusted by either chang-
ing C2 or by placing a variable capacitor in series with
the crystal. As an example, assume a desired oscillator
frequency of 14MHz and a load capacitance of 32pF.
C1=137.1pF and C2=41.7pF.
These capacitor values provide a starting point. The
drive level of the oscillator should be checked by look-
ing at the signal at the OSC E pin. It has been found
that the level at this pin should generally be around
500mVPP or less. This will reduce the reference spur
levels and reduce noise produced by distortion. If this
level is higher than 500mVPP then increase the value
of C1. The values of these capacitors are usually
adjusted during design to meet performance goals,
such as minimizing the start-up time.
An important part of the overall design is the voltage
controlled oscillator. The VCO is configured as a differ-
ential amplifier. The VCO range is set by the external
inductor(s) and is fine-tuned via internal varactor
diodes. The varactors are tuned by the loop filter output
voltage through a 4k
Ω resistor. (Refer to the internal
schematic for RESNTR- in the pin description table.)
To tune the VCO the designer only needs to calculate
the value of the inductor(s) connected to RESNTR-
and RESNTR+. The inductor value is determined by
the equation:
In this equation, f is the desired operating frequency
and L is the value of the inductor required. In the case
of a two-inductor resonator configuration, the value of L
is halved due to the inductors being in each leg. The
value C is the amount of capacitance presented by the
varactors and parasitics. For calculation purposes,
1.5pF should be used. As an example, assume an
operating frequency of 868MHz. The calculated induc-
tor value is 22.4nH. A 22nH inductor (two 10nH induc-
tors for the two-inductor configuration) would be
appropriate as the closest available value. Be aware
X1
C2
C1
V
CC
C
1
60 C
load
⋅
freq
MHz
------------------------
=
C
2
1
1
C
load
-------------
1
C
1
------
–
--------------------------
=
L
1
2
π f
⋅⋅
----------------
⎝⎠
⎛⎞ 2 1
C
----
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com