Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR429 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR429
Description  1 AMP, 700 V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR429 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR429 Datasheet HTML 1Page - Solid States Devices, Inc SDR429 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES INC.
14830 Valley View, La Mirada, Ca 90631
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR429
Electrical Characteristic
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(Tj = 25ºC, 300 µsec pulse)
If = 1A
If = 3A
Vf1
Vf2
––
––
2.35
3.5
2.5
3.8
Volts
Instantaneous Forward Voltage Drop
(Tj = 100ºC, 300 µsec pulse)
If = 1A
If = 3A
Vf3
Vf4
––
––
1.65
2.5
1.8
2.7
Volts
Instantaneous Forward Voltage Drop
(Tj = -55ºC, 300 µsec pulse)
If = 1A
If = 3A
Vf5
Vf6
––
––
3.0
4.5
3.75
5.30
Volts
Reverse Leakage Current
(Vr = 700 V, Tj = 25ºC, 300 µsec pulse)
Ir1
––
0.2
1.0
µA
Reverse Leakage Current
(Vr = 700 V, Tj = 100ºC, 300 µsec pulse)
Ir2
––
5.0
20
µA
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A)
TA = 25ºC
TA = 100ºC
tRR1
tRR2
––
17
32
20
35
nsec
Junction Capacitance
(Vr=10 Vdc, Tc=25ºC, f=1Mhz)
Cj
––
22
30
pF
Case Outline: (Axial)
B
ØC
ØA
D
D
DIM
MIN
MAX
A
0.120”
0.145”
B
0.150”
0.190”
C
0.027”
0.033”
D
1.00”
--
Case Outline: (SMS)
C
B
A
A
D
DIM
MIN
MAX
A
0.170”
0.180”
B
0.200”
0.240”
C
0.020”
0.030”
D
0.005”
--



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com