Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR429 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR429
Description  1 AMP, 700 V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR429 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR429 Datasheet HTML 1Page - Solid States Devices, Inc SDR429 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES INC.
14830 Valley View, La Mirada, Ca 90631
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• High Voltage 700 V continuous
• Very Fast Switching < 20 nS
• LowHigh Temperature Leakage< 15 µA
• Very Fast Switching @ 100 º C < 35 nS
• HermeticallySealed
• Higher VoltagesAvailable,consult Factory
• TX, TXV, S Level screening Available
• Available AxialLeaded or SurfaceMount(SquareTab)
• TX, TXV, S Level screening Available
SDR429
SDR429SMS
1 AMP, 700 V
Hyper Fast
Rectifier
Axial Lead Diode
SMS
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
700
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave)
Io
1.0
Amps
Non Repetitive Surge Current
(8.3 ms Pulse Half Sine Wave Superimposed on Io)
IFSM
18
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 1/8 "
Junction to End Tab
RθJL
RθJE
12
9
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0008B


Similar Part No. - SDR429

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR429 SSDI-SDR429 Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
SDR429S SSDI-SDR429S Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
SDR429SMS SSDI-SDR429SMS Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
SDR429SMSS SSDI-SDR429SMSS Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
SDR429SMSTX SSDI-SDR429SMSTX Datasheet
226Kb / 2P
1AMP, 700V Hyper Fast Rectifier
More results

Similar Description - SDR429

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KE600 SSDI-SED30KE600 Datasheet
59Kb / 2P
30 AMP 600 VOLTS HYPER FAST RECTIFIER
SDR3KHF SSDI-SDR3KHF Datasheet
31Kb / 2P
3 AMP 800 - 1200 V 35 nsec Hyper Fast Rectifier
SHF1104 SSDI-SHF1104 Datasheet
155Kb / 2P
1 AMP 400 - 900 V Hyper Fast Rectifier
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR1AHF SSDI-SDR1AHF Datasheet
72Kb / 2P
1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com