Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2878PCBA-L Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2878PCBA-L
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878PCBA-L Datasheet(HTML) 4 Page - RF Micro Devices

  RF2878PCBA-L Datasheet HTML 1Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 2Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 3Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 6Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 7Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 8Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4-334
RF2878
Rev A0 060206
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC coupled and matched to 50
Ω at 836 MHz.
2
GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3
VPD
For low noise amplifier applications, this pin is used to control the bias
current. See plots for bias current settings. An external resistor (R1)
can be used to set the bias current for any VPD voltage.
For driver amplifier applications, this is the Power Down pin for the IC.
VPD=2.8V +/- 0.1V is required for proper operation. VPD< 0.9V turns
off the Part. External RF bypassing is required. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane. Nominal current required for VPD=2.8V is 2.0mA typical
and 3.0mA Max (@ VPD=2.9V).
4RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be
biased to either VCC or pin 4 through a choke or matching inductor.
This pin is typically matched to 50
Ω with a shunt bias/matching induc-
tor and series blocking/matching capacitor. Refer to application sche-
matics.
5
GND2
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
RF IN
RF OUT
To Bias
Circuit
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com