Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2878PCBA-L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2878PCBA-L
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878PCBA-L Datasheet(HTML) 1 Page - RF Micro Devices

  RF2878PCBA-L Datasheet HTML 1Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 2Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 3Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 6Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 7Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 8Page - RF Micro Devices RF2878PCBA-L Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-331
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
RF IN
2
GND1
3
VPD
5GND2
4RF OUT
RF2878
3V LOW NOISE AMPLIFIER/
3V PA DRIVER AMPLIFIER
• TDMA/CDMA/FM Cellular PCS LNA
• Low Noise Transmit Driver Amplifier
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2878 is a low noise amplifier with a very high
dynamic range designed for digital cellular applications.
The device functions as an outstanding front end low
noise amplifier or power amplifier driver amplifier in the
transmit chain of digital subscriber units where low trans-
mit noise power is a concern. When used as an LNA, the
bias current can be set externally. When used as a PA
driver, the IC can operate directly from a single cell Li-ion
battery and includes a power down feature that can be
used to completely turn off the device. The IC is featured
in a standard SOT 5-lead plastic package.
NOTE: The RF2878 is a Pb-free product. If a non-Pb-free
product with the same functionality and package is
desired, please see the RF2361.
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 150MHz to 2500MHz Operation
• Extremely Small SOT 5-Lead Package
RF2878
3V Low Noise Amplifier/ 3V PA Driver Amplifier
RF2878 PCBA-D Fully Assembled Evaluation Board (Driver)
RF2878 PCBA-L
Fully Assembled Evaluation Board (LNA)
0
Rev A0 060206
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5-Lead
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2878PCBA-L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2878PCBA-L RFMD-RF2878PCBA-L Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2878PCBA-L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_06 Datasheet
306Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com