Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6332 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6332
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6332 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6332 Datasheet HTML 1Page - Sipex Corporation SP6332 Datasheet HTML 2Page - Sipex Corporation SP6332 Datasheet HTML 3Page - Sipex Corporation SP6332 Datasheet HTML 4Page - Sipex Corporation SP6332 Datasheet HTML 5Page - Sipex Corporation SP6332 Datasheet HTML 6Page - Sipex Corporation SP6332 Datasheet HTML 7Page - Sipex Corporation SP6332 Datasheet HTML 8Page - Sipex Corporation SP6332 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
1
SP6330, SP6332
and SP6334
Quad µPower Supervisory Circuits
with Manual Reset & Watchdog
SP6330-SP6332- SP6334 Quad Power Supervisory Circuit Family is a family of
microprocessor reset supervisory circuits with multiple reset voltages. The family provides
low voltage monitoring ability for up-to four supplies with two precision factory-set thresholds
and two user defined custom thresholds. These circuits perform a single function: if any of
the input supply voltages drops below its associated threshold, reset outputs are asserted.
The SP6330, SP6332, and SP6334 are packaged in an 8-pin TSOT package. All devices are
fully specified over -40oC to +85oC temperature range.
FEATURES
■ Low operating voltage of 1.6V
■ Low operating current of 20µA typical
■ Monitors up to four supplies simultaneously
■ Adjustable inputs monitor down to 0.5V
■ Reset asserted down to 0.9V
■ 2% accuracy over temperature range
■ Open Drain (OD) or CMOS RSTB output or
CMOS RST output
■ 4 Reset Timeout Periods:
50ms, 100ms, 200ms and 400ms
■ Watch Dog Input Functionality -- WDI
■ Manual Reset Input (Active Low) -- MRIB
■ 8 Pin TSOT package
DESCRIPTION
Available in Lead Free Packaging
SEE PAGE 2 FOR OTHER
AVAILABLE PINOUTS
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6330
V1
MRIB
V3
WDI
GND
V4
RSTB
Open Drain RESET
TYPICAL APPLICATION CIRCUIT


Similar Part No. - SP6332

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
SP6339EK1-L-Z-J-C SIPEX-SP6339EK1-L-Z-J-C Datasheet
227Kb / 13P
Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
More results

Similar Description - SP6332

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Sipex Corporation
SP6339 SIPEX-SP6339 Datasheet
227Kb / 13P
Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com