Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6339 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6339
Description  Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6339 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6339 Datasheet HTML 1Page - Sipex Corporation SP6339 Datasheet HTML 2Page - Sipex Corporation SP6339 Datasheet HTML 3Page - Sipex Corporation SP6339 Datasheet HTML 4Page - Sipex Corporation SP6339 Datasheet HTML 5Page - Sipex Corporation SP6339 Datasheet HTML 6Page - Sipex Corporation SP6339 Datasheet HTML 7Page - Sipex Corporation SP6339 Datasheet HTML 8Page - Sipex Corporation SP6339 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nov 20-06 Rev J
SP6339-SP6341 Triple µPower Supervisory Circuit
© Copyright 2006 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifica-
tions below is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time
may affect reliability and cause permanent damage to
the device.
Terminal Voltage (with respect to GND)
V1, V2.................................................... -0.3 to +6V
Open-Drain RSTB,
WDOB.....................................................-0.3 to +6V
CMOS RST, RSTB,
WDOB........................................... -0.3 to (V1+0.3V)
Feature and Pinout Diagram
Input Current/Output
Current.................................,,........................20mA
V3, MRIB, WDI........................-0.3 to (V1+0.3V)
Operating Temperature
Range...............................................-40°C to +85°C
Storage Temperature
Range...............................................-65°C to 150°C
Thermal Resistance ΘJA..............................134°C/W
PART
NUMBER
V1
V2
V3
Reset
MRIB
WDI
WDOB
SP6339
√
√
√
OD Active Low
√
√
OD Active Low
SP6341
√
√
√
CMOS Active Low
√
√
CMOS Active Low
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6339
V1
WDI
V3
MRIB
GND
WDOB
RSTB
Open Drain RESET
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6341
V1
WDI
V3
MRIB
GND
WDOB
RSTB
CMOS RESET
Representative Samples Available
Sipex
Product
Product
Description
Package
V1
(Volts)
V2
(Volts)
V3
(Volts)
V4
(Volts)
Reset
(ms)
Ordering #
SP6339
Triple Supervisor
Open Drain low
8 Pin TSOT
4.625
2.313
0.5
N/A
200
SP6339EK1-L-Z-J-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com