Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6339 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6339
Description  Triple 關Power Supervisory Circuit with Manual Reset and Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6339 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6339 Datasheet HTML 1Page - Sipex Corporation SP6339 Datasheet HTML 2Page - Sipex Corporation SP6339 Datasheet HTML 3Page - Sipex Corporation SP6339 Datasheet HTML 4Page - Sipex Corporation SP6339 Datasheet HTML 5Page - Sipex Corporation SP6339 Datasheet HTML 6Page - Sipex Corporation SP6339 Datasheet HTML 7Page - Sipex Corporation SP6339 Datasheet HTML 8Page - Sipex Corporation SP6339 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nov 20-06 Rev J
SP6339-SP6341 Triple µPower Supervisory Circuit
© Copyright 2006 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
V3 Input Threshold
490
500
510
mV
V3 Input Current
-50
50
nA
TA = +25ºC
V3 Threshold
Hysteresis
1.5
mV
MRIB Input
Threshold
0.4
V
Vil
MRIB Input
Threshold
0.8*V1
V
Vih
MRIB Minimum
Input Pulse Width
1
us
MRIB Glitch
Rejection
150
ns
MRIB to RST/RSTB
Delay
100
ns
MRIB Pull-Up
Resistance
30
55
85
kΩ
Watchdog Timeout
Period
1.2
1.6
2
sec
WDI Pulse Width
0.1
us
WDI Input
Threshold
0.4
V
Vil
WDI Input
Threshold
0.8*V1
V
Vih
WDI Input Current
-500
500
nA
WDI = 0.0V or V1
RSTB
(CMOS or OD)
0.4
V
V1 = Vth1 - 0.1V, Isink = 1mA,
output asserted
RSTB (CMOS)
0.8*V1
V
V1 = Vth1 + 0.1V, Isource =
1mA, output not asserted
WDOB (CMOS or
OD)
0.4
V
WDI = 0.0V or V1, V1 > Vth1,
V2 > Vth2, V3 > 0.5, MRIB float,
Isink = 1mA, WDOB output
asserted
WDOB (CMOS)
0.8*V1
V
V1 > Vth1, V2 > Vth2, V3 > 0.5,
MRIB float, WDOB not
asserted, Isource = 1mA
RSTB / WDOB
Output OD Leakage
Current
2
nA
TA = +25ºC
RESET / WATCHDOG OUTPUTS
RSTB / WDOB
WDI - WATCHDOG INPUT
V1 = 1.6V to 5.5V; TA = -40ºC to +85ºC; unless otherwise noted. Typical values are at TA =+25ºC
V3 RESET COMPARATOR INPUT
MRIB - MANUAL RESET INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com