Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1781007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1781007
Description  MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1781007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1781007 Datasheet HTML 1Page - PHOENIX CONTACT 1781007 Datasheet HTML 2Page - PHOENIX CONTACT 1781007 Datasheet HTML 3Page - PHOENIX CONTACT 1781007 Datasheet HTML 4Page - PHOENIX CONTACT 1781007 Datasheet HTML 5Page - PHOENIX CONTACT 1781007 Datasheet HTML 6Page - PHOENIX CONTACT 1781007 Datasheet HTML 7Page - PHOENIX CONTACT 1781007 Datasheet HTML 8Page - PHOENIX CONTACT 1781007 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 8, number
of rows: 1, number of positions: 8, number of connections: 8, product range: MCV 1,5/..-G-THR,
pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder pin
[P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: 56
mm wide tape, For user information and design recommendations for through-hole reflow
technology, go to: Downloads
Your advantages
Designed for integration into the SMT soldering process
•
Vertical connection enables multi-row arrangement on the PCB
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1781007
Packing unit
200 pc
Minimum order quantity
200 pc
Note
Made to order (non-returnable)
Product key
AABTAF
Catalog page
Page 211 (C-1-2013)
GTIN
4046356544474
Weight per piece (including packing)
4.52 g
Weight per piece (excluding packing)
3.459 g
Country of origin
DE
MCV 1,5/ 8-G-3,5 P20 THRR56 - PCB header
1781007
https://www.phoenixcontact.com/us/products/1781007
Jun 13, 2024, 7:11 AM
Page 1 (16)


Similar Part No. - 1781007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1781000000 ETC1-1781000000 Datasheet
459Kb / 1P
Single-Stud Terminals
More results

Similar Description - 1781007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1780325 PHOENIX-1780325 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-G-3,5 P14 THRR56
1779491 PHOENIX-1779491 Datasheet
69Kb / 4P
Printed-circuit board connector - MCV 1,5/ 8-G-3,5 P26 THRR56
1843651 PHOENIX-1843651 Datasheet
793Kb / 17P
PCB header - MCV 1,5/ 7-G-3,5
Jul 20, 2022
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1731484 PHOENIX-1731484 Datasheet
305Kb / 10P
PCB header - MCV 1,5/ 3-G-3,5-RN
Jan 3, 2023
1731549 PHOENIX-1731549 Datasheet
352Kb / 10P
PCB header - MCV 1,5/ 8-G-3,5-RN
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
1843729 PHOENIX-1843729 Datasheet
470Kb / 12P
PCB header - MCV 1,5/14-G-3,5
1843761 PHOENIX-1843761 Datasheet
422Kb / 11P
PCB header - MCV 1,5/18-G-3,5
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com